Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB321E Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # AT45DB321E
Description  32-Mbit DataFlash (with Extra 1-Mbits), 2.3V Minimum SPI Serial Flash Memory
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT45DB321E Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button AT45DB321E Datasheet HTML 3Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 4Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 5Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 6Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 7Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 8Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 9Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 10Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 72 page
background image
7
AT45DB321E
8784E–DFLASH–10/2013
5.
Read Commands
By specifying the appropriate opcode, data can be read from the main memory or from either one of the two SRAM data
buffers. The DataFlash supports RapidS protocols for Mode 0 and Mode 3. Please see Section 25., Detailed Bit-level
Read Waveforms: RapidS Mode 0/Mode 3 diagrams in this datasheet for details on the clock cycle sequences for each
mode.
5.1
Continuous Array Read (Legacy Command: E8h Opcode)
By supplying an initial starting address for the main memory array, the Continuous Array Read command can be utilized
to sequentially read a continuous stream of data from the device by simply providing a clock signal; no additional
addressing information or control signals need to be provided. The DataFlash incorporates an internal address counter
that will automatically increment on every clock cycle, allowing one continuous read from memory to be performed
without the need for additional address sequences. To perform a Continuous Array Read using the standard DataFlash
page size (528 bytes), an opcode of E8h must be clocked into the device followed by three address bytes (which
comprise the 24-bit page and byte address sequence) and four dummy bytes. The first 13 bits (PA12 - PA0) of the 23-bit
address sequence specify which page of the main memory array to read and the last 10 bits (BA9 - BA0) of the 23-bit
address sequence specify the starting byte address within the page. To perform a Continuous Array Read using the
binary page size
(512 bytes), an opcode of E8h must be clocked into the device followed by three address bytes and four dummy bytes.
The first 13 bits (A21 - A9) of the 22-bit address sequence specify which page of the main memory array to read and the
last nine bits (A8 - A0) of the 22-bit address sequence specify the starting byte address within the page. The dummy
bytes that follow the address bytes are needed to initialize the read operation. Following the dummy bytes, additional
clock pulses on the SCK pin will result in data being output on the SO (serial output) pin.
The CS pin must remain low during the loading of the opcode, the address bytes, the dummy bytes, and the reading of
data. When the end of a page in the main memory is reached during a Continuous Array Read, the device will continue
reading at the beginning of the next page with no delays incurred during the page boundary crossover (the crossover
from the end of one page to the beginning of the next page). When the last bit in the main memory array has been read,
the device will continue reading back at the beginning of the first page of memory. As with crossing over page
boundaries, no delays will be incurred when wrapping around from the end of the array to the beginning of the array.
A low-to-high transition on the CS pin will terminate the read operation and tri-state the output pin (SO). The maximum
SCK frequency allowable for the Continuous Array Read is defined by the fCAR1 specification. The Continuous Array
Read bypasses the data buffers and leaves the contents of the buffers unchanged.
Warning:
This command is not recommended for new designs.
5.2
Continuous Array Read (High Frequency Mode: 1Bh Opcode)
This command can be used to read the main memory array sequentially at the highest possible operating clock
frequency up to the maximum specified by fCAR4. To perform a Continuous Array Read using the standard DataFlash
page size (528 bytes), the CS pin must first be asserted, and then an opcode of 1Bh must be clocked into the device
followed by three address bytes and two dummy bytes. The first 13 bits (PA12 - PA0) of the 23-bit address sequence
specify which page of the main memory array to read and the last 10 bits (BA9 - BA0) of the 23-bit address sequence
specify the starting byte address within the page. To perform a Continuous Array Read using the binary page size (512
bytes), the opcode 1Bh must be clocked into the device followed by three address bytes (A21 - A0) and two dummy
bytes. Following the dummy bytes, additional clock pulses on the SCK pin will result in data being output on the SO
(Serial Output) pin.
The CS pin must remain low during the loading of the opcode, the address bytes, the dummy bytes, and the reading of
data. When the end of a page in the main memory is reached during a Continuous Array Read, the device will continue
reading at the beginning of the next page with no delays incurred during the page boundary crossover (the crossover
from the end of one page to the beginning of the next page). When the last bit in the main memory array has been read,
the device will continue reading back at the beginning of the first page of memory. As with crossing over page
boundaries, no delays will be incurred when wrapping around from the end of the array to the beginning of the array.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com