Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB321E Datasheet(PDF) 28 Page - List of Unclassifed Manufacturers

Part # AT45DB321E
Description  32-Mbit DataFlash (with Extra 1-Mbits), 2.3V Minimum SPI Serial Flash Memory
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT45DB321E Datasheet(HTML) 28 Page - List of Unclassifed Manufacturers

Back Button AT45DB321E Datasheet HTML 24Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 25Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 26Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 27Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 28Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 29Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 30Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 31Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 32Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 72 page
background image
28
AT45DB321E
8784E–DFLASH–10/2013
program the data from the buffer back into same page of main memory. The operation is internally self-timed and should
take place in a maximum time of tEP. During this time, the RDY/BUSY Status Register will indicate that the part is busy.
If a sector is programmed or reprogrammed sequentially page by page and the possibility does not exist that there will be
a page or pages of static data, then the programming algorithm shown in Figure 26-1 on page 61 is recommended.
Otherwise, if there is a chance that there may be a page or pages of a sector that will contain static data, then the
programming algorithm shown in Figure 26-2 on page 62 is recommended.
Please contact Adesto for availability of devices that are specified to exceed the 50,000 cycle cumulative limit.
9.4
Status Register Read
The 2-byte Status Register can be used to determine the device's ready/busy status, page size, a Main Memory Page to
Buffer Compare operation result, the sector protection status, Freeze Sector Lockdown status, erase/program error
status, Program/Erase Suspend status, and the device density. The Status Register can be read at any time, including
during an internally self-timed program or erase operation.
To read the Status Register, the CS pin must first be asserted and then the opcode D7h must be clocked into the device.
After the opcode has been clocked in, the device will begin outputting Status Register data on the SO pin during every
subsequent clock cycle. After the second byte of the Status Register has been clocked out, the sequence will repeat
itself, starting again with the first byte of the Status Register, as long as the CS pin remains asserted and the clock pin is
being pulsed. The data in the Status Register is constantly being updated, so each repeating sequence may output new
data. The RDY/BUSY status is available for both bytes of the Status Register and is updated for each byte.
Deasserting the CS pin will terminate the Status Register Read operation and put the SO pin into a high-impedance
state. The CS pin can be deasserted at any time and does not require that a full byte of data be read.
Table 9-1.
Status Register Format – Byte 1
Note:
1. R = Readable only
Bit
Name
Type(1) Description
7
RDY/BUSY Ready/Busy Status
R
0
Device is busy with an internal operation.
1
Device is ready.
6
COMP
Compare Result
R
0
Main memory page data matches buffer data.
1
Main memory page data does not match buffer data.
5:2
DENSITY
Density Code
R
1101 32-Mbit
1
PROTECT
Sector Protection Status
R
0
Sector protection is disabled.
1
Sector protection is enabled.
0
PAGE SIZE Page Size Configuration
R
0
Device is configured for standard DataFlash page size (528 bytes).
1
Device is configured for “power of 2” binary page size (512 bytes).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com