Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB321E Datasheet(PDF) 34 Page - List of Unclassifed Manufacturers

Part # AT45DB321E
Description  32-Mbit DataFlash (with Extra 1-Mbits), 2.3V Minimum SPI Serial Flash Memory
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT45DB321E Datasheet(HTML) 34 Page - List of Unclassifed Manufacturers

Back Button AT45DB321E Datasheet HTML 30Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 31Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 32Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 33Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 34Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 35Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 36Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 37Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 38Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 72 page
background image
34
AT45DB321E
8784E–DFLASH–10/2013
10.2.1 Exit Ultra-Deep Power-Down
To exit from the Ultra-Deep Power-Down mode, the CS pin must simply be pulsed by asserting the CS pin, waiting the
minimum necessary tCSLU time, and then deasserting the CS pin again. To facilitate simple software development, a
dummy byte opcode can also be entered while the CS pin is being pulsed just as in a normal operation like the Program
Suspend operation; the dummy byte opcode is simply ignored by the device in this case. After the CS pin has been
deasserted, the device will exit from the Ultra-Deep Power-Down mode and return to the standby mode within a
maximum time of tXUDPD. If the CS pin is reasserted before the tXUDPD time has elapsed in an attempt to start a new
operation, then that operation will be ignored and nothing will be performed. The system must wait for the device to return
to the standby mode before normal command operations such as Continuous Array Read can be resumed.
Since the contents of the SRAM buffers cannot be maintained while in the Ultra-Deep Power-Down mode, the SRAM
buffers will contain undefined data when the device returns to the standby mode.
Figure 10-4. Exit Ultra-Deep Power-Down
CS
SO
ICC
High-impedance
Ultra-Deep Power-Down Mode Current
Active Current
Standby Mode Current
tXUDPD
tCSLU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com