Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB321E Datasheet(PDF) 57 Page - List of Unclassifed Manufacturers

Part # AT45DB321E
Description  32-Mbit DataFlash (with Extra 1-Mbits), 2.3V Minimum SPI Serial Flash Memory
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT45DB321E Datasheet(HTML) 57 Page - List of Unclassifed Manufacturers

Back Button AT45DB321E Datasheet HTML 53Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 54Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 55Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 56Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 57Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 58Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 59Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 60Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 61Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 72 page
background image
57
AT45DB321E
8784E–DFLASH–10/2013
25.
Detailed Bit-level Read Waveforms: RapidS Mode 0/Mode 3
Figure 25-1. Continuous Array Read (Legacy Opcode E8h)
Figure 25-2. Continuous Array Read (Opcode 0Bh)
Figure 25-3. Continuous Array Read (Opcode 01h or 03h)
SCK
CS
SI
SO
MSB
MSB
2
3
1
0
1
1
1
0
1
0
0
0
6
7
5
4
10 11
9
8
12
63
66 67
65
64
62
33 34
31 32
29 30
68
71 72
70
69
Opcode
A
A
A
A
A
A
A
A
A
MSB
X
X
X
X
X
X
MSB
MSB
D
D
D
D
D
D
D
D
D
D
Address Bits
32 Dummy Bits
Data Byte 1
High-impedance
Bit 4095/4223
of Page n
Bit 0 of
Page n+1
SCK
CS
SI
SO
MSB
MSB
2
3
1
0
0
0
0
0
1
0
1
1
6
7
5
4
10 11
9
8
12
39
42 43
41
40
38
33 34
31 32
29 30
44
47 48
46
45
Opcode
A
A
A
A
A
A
A
A
A
MSB
X
X
X
X
X
X
MSB
MSB
D
D
D
D
D
D
D
D
D
D
Address Bits A21 - A0
Dummy Bits
Data Byte 1
High-impedance
36 37
35
X
X
SCK
CS
SI
SO
MSB
MSB
2
3
1
0
0
0
0
0
0
0
1
1
6
7
5
4
10 11
9
8
12
37 38
33
36
35
34
31 32
29 30
39 40
Opcode
A
A
A
A
A
A
A
A
A
MSB
MSB
D
D
D
D
D
D
D
D
D
D
Address Bits A21-A0
Data Byte 1
High-impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com