Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB321E Datasheet(PDF) 41 Page - List of Unclassifed Manufacturers

Part # AT45DB321E
Description  32-Mbit DataFlash (with Extra 1-Mbits), 2.3V Minimum SPI Serial Flash Memory
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT45DB321E Datasheet(HTML) 41 Page - List of Unclassifed Manufacturers

Back Button AT45DB321E Datasheet HTML 37Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 38Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 39Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 40Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 41Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 42Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 43Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 44Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 45Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 72 page
background image
41
AT45DB321E
8784E–DFLASH–10/2013
Table 15-3. Protection and Security Commands
Table 15-4. Additional Commands
Table 15-5. Legacy Commands(1)
Note:
1. Legacy commands are not recommended for new designs.
Command
Opcode
Enable Sector Protection
3Dh + 2Ah + 7Fh + A9h
Disable Sector Protection
3Dh + 2Ah + 7Fh + 9Ah
Erase Sector Protection Register
3Dh + 2Ah + 7Fh + CFh
Program Sector Protection Register
3Dh + 2Ah + 7Fh + FCh
Read Sector Protection Register
32h
Sector Lockdown
3Dh + 2Ah + 7Fh + 30h
Read Sector Lockdown Register
35h
Freeze Sector Lockdown
34h + 55h + AAh + 40h
Program Security Register
9Bh + 00h + 00h + 00h
Read Security Register
77h
Command
Opcode
Main Memory Page to Buffer 1 Transfer
53h
Main Memory Page to Buffer 2 Transfer
55h
Main Memory Page to Buffer 1 Compare
60h
Main Memory Page to Buffer 2 Compare
61h
Auto Page Rewrite through Buffer 1
58h
Auto Page Rewrite through Buffer 2
59h
Deep Power-Down
B9h
Resume from Deep Power-Down
ABh
Ultra-Deep Power-Down
79h
Status Register Read
D7h
Manufacturer and Device ID Read
9Fh
Configure “Power of 2” (Binary) Page Size
3Dh + 2Ah + 80h + A6h
Configure Standard DataFlash Page Size
3Dh + 2Ah + 80h + A7h
Software Reset
F0h + 00h + 00h + 00h
Command
Opcode
Buffer 1 Read
54H
Buffer 2 Read
56H
Main Memory Page Read
52H
Continuous Array Read
68H
Status Register Read
57H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com