Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB321E Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # AT45DB321E
Description  32-Mbit DataFlash (with Extra 1-Mbits), 2.3V Minimum SPI Serial Flash Memory
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT45DB321E Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button AT45DB321E Datasheet HTML 35Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 36Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 37Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 38Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 39Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 40Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 41Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 42Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 72 page
background image
39
AT45DB321E
8784E–DFLASH–10/2013
14.
Operation Mode Summary
The commands described previously can be grouped into four different categories to better describe which commands
can be executed at what times.
Group A commands consist of:
1.
Main Memory Page Read
2.
Continuous Array Read (SPI)
3.
Read Sector Protection Register
4.
Read Sector Lockdown Register
5.
Read Security Register
6.
Buffer 1 (or 2) Read
Group B commands consist of:
1.
Page Erase
2.
Block Erase
3.
Sector Erase
4.
Chip Erase
5.
Main Memory Page to Buffer 1 (or 2) Transfer
6.
Main Memory Page to Buffer 1 (or 2) Compare
7.
Buffer 1 (or 2) to Main Memory Page Program with Built-In Erase
8.
Buffer 1 (or 2) to Main Memory Page Program without Built-In Erase
9.
Main Memory Page Program through Buffer 1 (or 2) with Built-In Erase
10. Main Memory Byte/Page Program through Buffer 1 without Built-In Erase
11. Auto Page Rewrite
Group C commands consist of:
1.
Buffer 1 (or 2) Write
2.
Status Register Read
3.
Manufacturer and Device ID Read
Group D commands consist of:
1.
Erase Sector Protection Register
2.
Program Sector Protection Register
3.
Sector Lockdown
4.
Program Security Register
5.
Buffer and Page Size Configuration
6.
Freeze Sector Lockdown
If a Group A command is in progress (not fully completed), then another command in Group A, B, C, or D should not be
started. However, during the internally self-timed portion of Group B commands, any command in Group C can be
executed. The Group B commands using Buffer 1 should use Group C commands using Buffer 2 and vice versa. Finally,
during the internally self-timed portion of a Group D command, only the Status Register Read command should be
executed.
Most of the commands in Group B can be suspended and resumed, except the Buffer Transfer, Buffer Compare, and
Auto Page Rewrite operations. If a Group B command is suspended, all of the Group A commands can be executed. See
Table 6-4 to determine which of the Group B, Group C, and Group D commands are allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com