Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB321E Datasheet(PDF) 33 Page - List of Unclassifed Manufacturers

Part # AT45DB321E
Description  32-Mbit DataFlash (with Extra 1-Mbits), 2.3V Minimum SPI Serial Flash Memory
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT45DB321E Datasheet(HTML) 33 Page - List of Unclassifed Manufacturers

Back Button AT45DB321E Datasheet HTML 29Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 30Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 31Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 32Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 33Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 34Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 35Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 36Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 37Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 72 page
background image
33
AT45DB321E
8784E–DFLASH–10/2013
10.2 Ultra-Deep Power-Down
The Ultra-Deep Power-Down mode allows the device to consume far less power compared to the standby and Deep
Power-Down modes by shutting down additional internal circuitry. Since almost all active circuitry is shutdown in this
mode to conserve power, the contents of the SRAM buffers cannot be maintained. Therefore, any data stored in the
SRAM buffers will be lost once the device enters the Ultra-Deep Power-Down mode.
When the device is in the Ultra-Deep Power-Down mode, all commands including the Status Register Read and Resume
from Deep Power-Down commands will be ignored. Since all commands will be ignored, the mode can be used as an
extra protection mechanism against program and erase operations.
Entering the Ultra-Deep Power-Down mode is accomplished by simply asserting the CS pin, clocking in the opcode 79h,
and then deasserting the CS pin. Any additional data clocked into the device after the opcode will be ignored. When the
CS pin is deasserted, the device will enter the Ultra-Deep Power-Down mode within the maximum time of tEUDPD.
The complete opcode must be clocked in before the CS pin is deasserted, and the CS pin must be deasserted on an
even byte boundary (multiples of eight bits); otherwise, the device will abort the operation and return to the standby mode
once the CS pin is deasserted. In addition, the device will default to the standby mode after a power cycle.
The Ultra-Deep Power-Down command will be ignored if an internally self-timed operation such as a program or erase
cycle is in progress. The Ultra-Deep Power-Down command must be reissued after the internally self-timed operation
has been completed in order for the device to enter the Ultra-Deep Power-Down mode.
Figure 10-3. Ultra-Deep Power-Down
SCK
CS
SI
SO
MSB
ICC
23
1
0
0
67
5
4
Opcode
High-impedance
Ultra-Deep Power-Down Mode Current
Active Current
Standby Mode Current
tEUDPD
1111001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com