Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB321E Datasheet(PDF) 64 Page - List of Unclassifed Manufacturers

Part # AT45DB321E
Description  32-Mbit DataFlash (with Extra 1-Mbits), 2.3V Minimum SPI Serial Flash Memory
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT45DB321E Datasheet(HTML) 64 Page - List of Unclassifed Manufacturers

Back Button AT45DB321E Datasheet HTML 60Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 61Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 62Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 63Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 64Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 65Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 66Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 67Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 68Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 72 page
background image
64
AT45DB321E
8784E–DFLASH–10/2013
27.2 Ordering Codes (Standard DataFlash Page Size)
Notes: 1. The shipping carrier suffix is not marked on the device.
27.3 Ordering Codes (Binary Page Size)
Notes: 1. The shipping carrier suffix is not marked on the device.
2. Parts ordered with suffix code ‘2B’ are shipped in tape and reel (T&R) with the page size set to
512 bytes. This option is only available for shipping in T&R (-T).
Ordering Code
Package
Lead Finish
Operating Voltage
fSCK
Device Grade
AT45DB321E-SHF-B(1)
8S2
NiPdAu
2.3V to 3.6V
85MHz
Industrial
(-40
C to 85C)
AT45DB321E-SHF-T(1)
AT45DB321E-MWHF-Y(1)
8MW1
AT45DB321E-MWHF-T(1)
AT45DB321E-CCUF-T(1)
9CC1
SnAgCu
AT45DB321E-MHF-Y(1)
8MA1
NiPdAu
2.3V to 3.6V
70MHz
Industrial
(-40
C to 85C)
AT45DB321E-MHF-T(1)
Ordering Code
Package
Lead Finish
Operating Voltage
fSCK
Device Grade
AT45DB321E-SHF2B-T(1)(2)
8S2
NiPdAu
2.3V to 3.6V
85MHz
Industrial
(-40
C to 85C)
AT45DB321E-MWHF2B-T
(1)(2)
8MW1
AT45DB321E-MHF2B-T(1)(2)
8MA1
NiPdAu
2.3V to 3.6V
70MHz
Industrial
(-40
C to 85C)
Package Type
8S2
8-lead 0.208" wide, Plastic Gull Wing Small Outline (EIAJ SOIC)
8MA1
8-pad (5 x 6 x 0.6mm body) Thermally Enhanced Plastic Ultra Thin Dual Flat No-lead (UDFN)
9CC1
9-ball (6 x 6 x 0.6mm body) 3 x 3 array x 1mm pitch, Ultra-thin Ball Grid Array (UBGA)
8MW1
8-contact, 6 x 8mm, Very Thin Dual Flat No Lead Package (VDFN)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com