Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB321E Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # AT45DB321E
Description  32-Mbit DataFlash (with Extra 1-Mbits), 2.3V Minimum SPI Serial Flash Memory
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT45DB321E Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button AT45DB321E Datasheet HTML 10Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 11Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 12Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 13Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 14Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 15Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 16Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 17Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 72 page
background image
14
AT45DB321E
8784E–DFLASH–10/2013
Table 6-2.
Sector Erase Addressing
6.9
Chip Erase
The Chip Erase command allows the entire main memory array to be erased can be erased at one time.
To execute the Chip Erase command, a 4-byte command sequence of C7h, 94h, 80h, and 9Ah must be clocked into the
device. Since the entire memory array is to be erased, no address bytes need to be clocked into the device, and any data
clocked in after the opcode will be ignored. After the last bit of the opcode sequence has been clocked in, the CS pin
must be deasserted to start the erase process. The erase operation is internally self-timed and should take place in a
time of tCE. During this time, the RDY/BUSY bit in the Status Register will indicate that the device is busy.
The Chip Erase command will not affect sectors that are protected or locked down; the contents of those sectors will
remain unchanged. Only those sectors that are not protected or locked down will be erased.
The WP pin can be asserted while the device is erasing, but protection will not be activated until the internal erase cycle
completes.
The device also incorporates an intelligent algorithm that can detect when a byte location fails to erase properly. If an
erase error arises, it will be indicated by the EPE bit in the Status Register.
Table 6-3.
Chip Erase Command
Figure 6-1. Chip Erase
PA12/
A21
PA11/
A20
PA10/
A19
PA9/
A18
PA8/
A17
PA7/
A16
PA6/
A15
PA5/
A14
PA4/
A13
PA3/
A12
PA2/
A11
PA1/
A10
PA0/
A9
Sector
0
0
0
0
0
0
0
0
0
0
X
X
X
0a
0
0
0
0
0
0
0
0
0
1
X
X
X
0b
0
0
0
0
0
1
X
X
X
X
X
X
X
1
0
0
0
0
1
0
X
X
X
X
X
X
X
2
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
1
1
1
1
0
0
X
X
X
X
X
X
X
60
1
1
1
1
0
1
X
X
X
X
X
X
X
61
1
1
1
1
1
0
X
X
X
X
X
X
X
62
1
1
1
1
1
1
X
X
X
X
X
X
X
63
Command
Byte 1
Byte 2
Byte 3
Byte 4
Chip Erase
C7h
94h
80h
9Ah
C7h
94h
80h
9Ah
CS
Each transition represents eight bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com