Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB321E Datasheet(PDF) 68 Page - List of Unclassifed Manufacturers

Part # AT45DB321E
Description  32-Mbit DataFlash (with Extra 1-Mbits), 2.3V Minimum SPI Serial Flash Memory
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT45DB321E Datasheet(HTML) 68 Page - List of Unclassifed Manufacturers

Back Button AT45DB321E Datasheet HTML 64Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 65Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 66Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 67Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 68Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 69Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 70Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 71Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 72Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 68 / 72 page
background image
68
AT45DB321E
8784E–DFLASH–10/2013
28.3 9CC1 — 9-ball UBGA
DRAWING NO.
REV.
GPC
TITLE
Package Drawing Contact:
contact@adestotech.com
9CC1
A
CAA
9CC1, 9-ball, 6 x 6 x 0.6mm Body, 1.0mm ball
pitch (3x3 Array), Ultra-thin Ball Grid Array
Package(UBGA)
6/30/09
COMMON DIMENSIONS
(Unit of Measure = mm)
SYMBOL
MIN
NOM
MAX
NOTE
Notes: 1. Dimension “b” is measured at the maximum ball diameter, in a plane
parallel to the seating plane.
A
–
0.53
0.60
A1
0.12
–
-
A2
0.38 REF
D
5.90
6.00
6.10
D1
2.00 BSC
E
5.90
6.00
6.10
E1
2.00 BSC
b
0.35
0.40
0.45
Note 1
e
1.00 BSC
E
D
9-Øb
B
Pin#1 ID
Top view
Bottom View
d 0.10 C
A1
A
D1
E1
A2
A1 ball corner
e
2
Side View
See view "A"
b
A
A
A1
view "A"
(rotated 90°CW)
section A-A
e
seating plane
A
C
3
1
B
A
C
2
3
1
C
f 0.10 C
A
d 0.10 (4X)
B
j n 0.15m CA B
j n 0.05 m C
Ø0.40±0.05
Ø0.30 ORIGINAL/RAW BALL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com