Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB321E Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # AT45DB321E
Description  32-Mbit DataFlash (with Extra 1-Mbits), 2.3V Minimum SPI Serial Flash Memory
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT45DB321E Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button AT45DB321E Datasheet HTML 9Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 10Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 11Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 12Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 13Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 14Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 15Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 16Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 72 page
background image
13
AT45DB321E
8784E–DFLASH–10/2013
Table 6-1.
Block Erase Addressing
6.8
Sector Erase
The Sector Erase command can be used to individually erase any sector in the main memory.
The main memory array is comprised of 64 sectors, and only one sector can be erased at a time. To perform an erase of
Sector 0a or Sector 0b with the standard DataFlash page size (528 bytes), an opcode of 7Ch must be clocked into the
device followed by three address bytes comprised of one dummy bit, 10 page address bits (PA12 - PA3), and
13 dummy bits. To perform a Sector 1-63 erase, an opcode of 7Ch must be clocked into the device followed by three
address bytes comprised of one dummy bit, six page address bits (PA12 - PA7), and 17 dummy bits.
To perform a Sector 0a or Sector 0b erase with the binary page size (512 bytes), an opcode of 7Ch must be clocked into
the device followed by three address bytes comprised of two dummy bits, 10 page address bits (A21 - A12), and
12 dummy bits. To perform a Sector 1-63 erase, an opcode of 7Ch must be clocked into the device followed by two
dummy bits, six page address bits (A21 - A16), and 16 dummy bits.
The page address bits are used to specify any valid address location within the sector to be erased. When a
low-to high transition occurs on the CS pin, the device will erase the selected sector. The erase operation is internally
self-timed and should take place in a maximum time of tSE. During this time, the RDY/BUSY bit in the Status Register will
indicate that the device is busy.
The device also incorporates an intelligent algorithm that can detect when a byte location fails to erase properly. If an
erase error arises, it will be indicated by the EPE bit in the Status Register.
PA12/
A21
PA11/
A20
PA10/
A19
PA9/
A18
PA8/
A17
PA7/
A16
PA6/
A15
PA5/
A14
PA4/
A13
PA3/
A12
PA2/
A11
PA1/
A10
PA0/
A9
Block
0
0
0
0
0
0
0
0
0
0
X
X
X
0
0
0
0
0
0
0
0
0
0
1
X
X
X
1
0
0
0
0
0
0
0
0
1
0
X
X
X
2
0
0
0
0
0
0
0
0
1
1
X
X
X
3
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
1
1
1
1
1
1
1
1
0
0
X
X
X
1020
1
1
1
1
1
1
1
1
0
1
X
X
X
1021
1
1
1
1
1
1
1
1
1
0
X
X
X
1022
1
1
1
1
1
1
1
1
1
1
X
X
X
1023



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com