Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB321E Datasheet(PDF) 22 Page - List of Unclassifed Manufacturers

Part # AT45DB321E
Description  32-Mbit DataFlash (with Extra 1-Mbits), 2.3V Minimum SPI Serial Flash Memory
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT45DB321E Datasheet(HTML) 22 Page - List of Unclassifed Manufacturers

Back Button AT45DB321E Datasheet HTML 18Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 19Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 20Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 21Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 22Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 23Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 24Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 25Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 26Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 72 page
background image
22
AT45DB321E
8784E–DFLASH–10/2013
7.3.3
Read Sector Protection Register
To read the Sector Protection Register, an opcode of 32h and three dummy bytes must be clocked into the device. After
the last bit of the opcode and dummy bytes have been clocked in, any additional clock pulses on the SCK pin will result
in the Sector Protection Register contents being output on the SO pin. The first byte (byte location 0) corresponds to
Sector 0 (0a and 0b), the second byte corresponds to Sector 1, and the last byte (byte location 63) corresponds to Sector
63. Once the last byte of the Sector Protection Register has been clocked out, any additional clock pulses will result in
undefined data being output on the SO pin. The CS pin must be deasserted to terminate the Read Sector Protection
Register operation and put the output into a high-impedance state.
Table 7-8.
Read Sector Protection Register Command
Note:
1. XX = Dummy byte
Figure 7-6. Read Sector Protection Register
7.3.4
About the Sector Protection Register
The Sector Protection Register is subject to a limit of 10,000 erase/program cycles. Users are encouraged to carefully
evaluate the number of times the Sector Protection Register will be modified during the course of the application’s life
cycle. If the application requires that the Security Protection Register be modified more than the specified limit of 10,000
cycles because the application needs to temporarily unprotect individual sectors (sector protection remains enabled
while the Sector Protection Register is reprogrammed), then the application will need to limit this practice. Instead, a
combination of temporarily unprotecting individual sectors along with disabling sector protection completely will need to
be implemented by the application to ensure that the limit of 10,000 cycles is not exceeded.
Command
Byte 1
Byte 2
Byte 3
Byte 4
Read Sector Protection Register
32h
XXh
XXh
XXh
32h
XX
XX
XX
Data
n
Data
n + 1
CS
SI
SO
Data
n + 63
Each transition represents eight bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com