Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB321E Datasheet(PDF) 32 Page - List of Unclassifed Manufacturers

Part # AT45DB321E
Description  32-Mbit DataFlash (with Extra 1-Mbits), 2.3V Minimum SPI Serial Flash Memory
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT45DB321E Datasheet(HTML) 32 Page - List of Unclassifed Manufacturers

Back Button AT45DB321E Datasheet HTML 28Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 29Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 30Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 31Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 32Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 33Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 34Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 35Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 36Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 72 page
background image
32
AT45DB321E
8784E–DFLASH–10/2013
10.1 Resume from Deep Power-Down
In order to exit the Deep Power-Down mode and resume normal device operation, the Resume from Deep Power-Down
command must be issued. The Resume from Deep Power-Down command is the only command that the device will
recognize while in the Deep Power-Down mode.
To resume from the Deep Power-Down mode, the CS pin must first be asserted and then the opcode ABh must be
clocked into the device. Any additional data clocked into the device after the opcode will be ignored. When the CS pin is
deasserted, the device will exit the Deep Power-Down mode and return to the standby mode within the maximum time of
tRDPD. After the device has returned to the standby mode, normal command operations such as Continuous Array Read
can be resumed.
If the complete opcode is not clocked in before the CS pin is deasserted, or if the CS pin is not deasserted on an even
byte boundary (multiples of eight bits), then the device will abort the operation and return to the Deep Power-Down
mode.
Figure 10-2. Resume from Deep Power-Down
SCK
CS
SI
SO
MSB
ICC
23
1
0
10101011
67
5
4
Opcode
High-impedance
Deep Power-Down Mode Current
Active Current
Standby Mode Current
tRDPD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com