Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB321E Datasheet(PDF) 70 Page - List of Unclassifed Manufacturers

Part # AT45DB321E
Description  32-Mbit DataFlash (with Extra 1-Mbits), 2.3V Minimum SPI Serial Flash Memory
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT45DB321E Datasheet(HTML) 70 Page - List of Unclassifed Manufacturers

Back Button AT45DB321E Datasheet HTML 64Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 65Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 66Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 67Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 68Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 69Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 70Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 71Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 72Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 70 / 72 page
background image
70
AT45DB321E
8784E–DFLASH–10/2013
29.
Revision History
Doc. Rev.
Date
Comments
8784E
10/2013
Updated spec in Continuous Array Read (1Bh Opcode) to
fCAR4. Corrected Low Power Read
Option (up to 15MHz). Corrected Ultra-Deep Power-Down current (400nA typical). Updated spec
for Input High Voltage (Max) to VCC + 0.6V.
8784D
7/2013
Updated Auto Page Rewrite cycle to
50,000 cumulative page erase/program operations.
Corrected Page Erase and Programming Time specification to 35 ms maximum. Updated DC
conditions for VOL, ICC3 and ICC4. Added reserved part order codes. Changed datasheet status
from preliminary to complete.
8784C
6/2013
Updated electrical and power specifications. “
Buffer 1 (or 2) Read” moved from group C to
Group A in Operation Mode Summary. Removed references to 2.5V minimum power supply.
8784B
11/2012
Added Legacy Commands table.
Updated to Adesto template.
8784A
08/2012
Initial document release.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com