Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC10XSC425EK Datasheet (PDF) - Freescale Semiconductor, Inc

MC10XSC425EK Datasheet PDF - Freescale Semiconductor, Inc
Part # MC10XSC425EK
Download  MC10XSC425EK Download
File Size   826.56 Kbytes
Page   56 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Quad High Side Switch

MC10XSC425EK Datasheet (PDF)

Go To PDF Page Download Datasheet
MC10XSC425EK Datasheet PDF - Freescale Semiconductor, Inc

Part # MC10XSC425EK
Download  MC10XSC425EK Click to download

File Size   826.56 Kbytes
Page   56 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Quad High Side Switch

MC10XSC425EK Datasheet (HTML) - Freescale Semiconductor, Inc


MC10XSC425EK Product details

The 10XSC425 is one in a family of devices designed for low-voltage lighting or factory automation applications. Its four low RDS(ON) MOSFETs (dual 10 mΩ/dual 25 mΩ) can control four separate 55 W / 28 W bulbs, and/or Xenon modules, and/or LEDs, and/or DC low voltage motors.

Features
• Four protected 10 mΩ and 25 mΩ high side switches (at 25 °C)
• Operating voltage range of 6.0 to 20 V with sleep current  < 5.0 μA, extended mode from 4.0 to 28 V
• 8.0 MHz 16-bit 3.3 V and 5.0 V SPI control and status reporting with daisy chain capability
• PWM module using external clock or calibratable internal oscillator with programmable output delay management
• Smart overcurrent shutdown, severe short-circuit, overtemperature protections with time limited autoretry, and fail safe mode, in case of MCU damage
• Output OFF or ON open-load detection compliant to bulbs or leds and short to battery detection.
• Analog current feedback with selectable ratio and board temperature feedback

Applications
• Low-voltage industrial lighting
• Halogen lamps
• Incandescent bulbs
• Light-emitting diodes (LEDs)
• HID Xenon ballasts
• Low voltage factory automation




Similar Part No. - MC10XSC425EK

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC10XSC425 FREESCALE-MC10XSC425 Datasheet
8Mb / 2P
Quad High Side Switch?봁ual 10 m, Dual 25 m
More results


Similar Description - MC10XSC425EK

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR8400P IRF-IR8400P Datasheet
763Kb / 16P
QUAD HIGH SIDE SWITCH
logo
Maxim Integrated Produc...
MAX625 MAXIM-MAX625 Datasheet
251Kb / 7P
Quad, High-Side Power Switch
Rev 1; 10/94
logo
Freescale Semiconductor...
MC35XS3400 FREESCALE-MC35XS3400 Datasheet
2Mb / 45P
Quad High Side Switch (Quad 35m廓)
logo
Rohm
MC33874 ROHM-MC33874 Datasheet
1Mb / 38P
Quad High Side Switch (Quad 35mOHM)
logo
Freescale Semiconductor...
35XS3400 FREESCALE-35XS3400_11 Datasheet
1Mb / 48P
Quad High Side Switch
33874 FREESCALE-33874_08 Datasheet
1Mb / 38P
Quad High Side Switch
33892 FREESCALE-33892 Datasheet
847Kb / 28P
Quad Intelligent High-Side Switch
33894 FREESCALE-33894 Datasheet
1Mb / 28P
Quad High-Side Switch
15XS3400 FREESCALE-15XS3400_12 Datasheet
1Mb / 52P
Quad High Side Switch (Quad 15 mOhm)
35XS3400 FREESCALE-35XS3400_12 Datasheet
1Mb / 46P
Quad High Side Switch (Quad 35 mOhm)
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com