Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4515 Datasheet (PDF) - Freescale Semiconductor, Inc

AN4515 Datasheet PDF - Freescale Semiconductor, Inc
Part # AN4515
Download  AN4515 Download
File Size   8503.59 Kbytes
Page   2 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Dual 6.0 m high-side switch

AN4515 Datasheet (PDF)

Go To PDF Page Download Datasheet
AN4515 Datasheet PDF - Freescale Semiconductor, Inc

Part # AN4515
Download  AN4515 Click to download

File Size   8503.59 Kbytes
Page   2 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Dual 6.0 m high-side switch

AN4515 Datasheet (HTML) - Freescale Semiconductor, Inc


AN4515 Product details

Overview
The MC06XSD200 device is part of a 36 V high-side switch product family with integrated control and a high number of protective and diagnostic functions. It is designed for industrial applications. The low RDS(on) channels (< 6.0 mΩ) can control different load types, including bulb lamps, solenoids or DC motors.

Features
    Two fully protected 6.0 mΩ (@ 25 °C) high-side switches
    Up to 9.0 A steady state current per channel
    Separate bulb and DC motor latched overcurrent handling
    Fail-safe mode when MCU communication is lost
    Sleep mode with minimal supply current (< 10 μA @ 24 V)
    Parallel output operating mode with improved switching synchronization
    Individually programmable internal/external PWM clock signals
    Overcurrent, short-circuit and overtemperature protection with programmable auto-retry functions
    Accurate temperature and current sensing
    Open load detection (channel in off and on states) and LED applications (7.0 mA typ.)
    Normal operating range: 8.0 to 36 V, extended range: 6.0 to 58 V
    3.3 and 5.0 V compatible 16-bit SPI port for device control, configuration and diagnostics at rates up to 8.0 MHz

Target Applications
•  Industrial (12 V and 24 V systems)
•  Halogen bulbs
•  Light-emitting diodes (LEDs)
•  Low-voltage industrial lighting
•  DC motors




Similar Part No. - AN4515

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN4515 STMICROELECTRONICS-AN4515 Datasheet
876Kb / 24P
Maximizing power efficiency using STM32F411xx Batch Acquisition Mode
19-Dec-2014
More results


Similar Description - AN4515

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC33143 FREESCALE-MC33143 Datasheet
281Kb / 8P
Dual High-Side Switch
33289 FREESCALE-33289 Datasheet
505Kb / 11P
Dual High-Side Switch 40 m ohm
06XS4200 FREESCALE-06XS4200 Datasheet
2Mb / 61P
Dual 24 V 6.0 mOhm High Side Switch
06XSD200 FREESCALE-06XSD200 Datasheet
1Mb / 60P
Dual 6.0 mOhm High Side Switch
MC10XSC425 FREESCALE-MC10XSC425 Datasheet
8Mb / 2P
Quad High Side Switch?봁ual 10 m, Dual 25 m
MC10XSD200 FREESCALE-MC10XSD200 Datasheet
8Mb / 2P
Dual 10 m high-side switch
MC06XS4200 FREESCALE-MC06XS4200 Datasheet
626Kb / 4P
Dual 24 V, 6.0 mOhm High Side Switch
logo
NXP Semiconductors
MC06XS3517 NXP-MC06XS3517 Datasheet
2Mb / 41P
Smart High-side Switch Module (Triple 6.0 mOhm and Dual 17 mOhm)
Rev. 5.0, 4/2014
MC06XS4200 NXP-MC06XS4200 Datasheet
1Mb / 69P
Dual 24 V, 6.0 mOhm high-side switch
Rev. 5.0, 5/2018
MC06XSD200 NXP-MC06XSD200 Datasheet
3Mb / 59P
Dual 6.0 mOhm High Side Switch
Rev. 3.0, 12/2013
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com