Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33289 Datasheet (PDF) - Freescale Semiconductor, Inc

33289 Datasheet PDF - Freescale Semiconductor, Inc
Part # 33289
Download  33289 Download
File Size   505.33 Kbytes
Page   11 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Dual High-Side Switch 40 m ohm

33289 Datasheet (PDF)

Go To PDF Page Download Datasheet
33289 Datasheet PDF - Freescale Semiconductor, Inc

Part # 33289
Download  33289 Click to download

File Size   505.33 Kbytes
Page   11 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Dual High-Side Switch 40 m ohm

33289 Datasheet (HTML) - Freescale Semiconductor, Inc


33289 Product details

Dual High-Side Switch 40 mΩ

The 33289 is a Dual High Side Switch (DHSS) dedicated for use in automotive applications. It is designed to drive typical inductive loads such as solenoid valves.
This device consists of two independent 40 mΩ RDSON MOSFET channels plus corresponding control circuitry in a surface mount package. The 33289 can be interfaced directly to a microcontroller for input control and monitoring of diagnostic output.
Each switch offers independent protection and diagnosis during overcurrent, overvoltage, and undervoltage conditions, as well as an overtemperature shutdown feature.

FEATURES
• Designed to drive Automotive Inductive loads
• Operating Voltage Range from 6.0 V to 27 V
• Maximum Breakdown Voltage greater than 40 V
• 40 mΩ RDSON at 25°C
• Overtemperature Protection with Hysteresis
• Overcurrent protection
• Under Voltage Shutdown
• Over Voltage Shutdown
• Open Load Detection in Off-State
• Independent Diagnostic Output
• ESD Protection 2.0 kV
• Standby Current less than 5.0 µA at VBAT below 14 V




Similar Part No. - 33289

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3328 ETC-3328 Datasheet
100Kb / 1P
Heyco짰 Nylon Cable Clamps
logo
Heyco.
3328 HEYCO-3328 Datasheet
84Kb / 1P
Nylon Cable Clamps
logo
KR Electronics, Inc.
3328-SMA KR-3328-SMA Datasheet
57Kb / 3P
865 MHz Bandpass Filter
logo
Aptiv
33283998 APTIV-33283998 Datasheet
241Kb / 2P
CTCS SP SERIES
33284519 APTIV-33284519 Datasheet
241Kb / 2P
CTCS SP SERIES
More results


Similar Description - 33289

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS1HA08-Q1 TI1-TPS1HA08-Q1 Datasheet
236Kb / 7P
40-V, 8-m(ohm) Single-Channel Smart High-Side Switch
TPS27S100 TI1-TPS27S100 Datasheet
1Mb / 36P
40-V, 80-m(ohm) Single-Channel High-Side Switch
TPS2HB50-Q1 TI1-TPS2HB50-Q1 Datasheet
239Kb / 7P
40-V, 50-m(ohm) Dual-Channel Smart High-Side Switch
TPS2HB08-Q1 TI1-TPS2HB08-Q1 Datasheet
171Kb / 7P
40-V, 8-m(ohm) Dual-Channel Smart High-Side Switch
TPS1H200-Q1 TI1-TPS1H200-Q1 Datasheet
848Kb / 32P
40-V 200-m(ohm) Single-Channel Smart High-Side Switch
TPS2HB16-Q1 TI1-TPS2HB16-Q1 Datasheet
304Kb / 10P
40-V, 16-m(ohm) Dual-Channel Smart High-Side Switch
TPS2HB35-Q1 TI1-TPS2HB35-Q1 Datasheet
239Kb / 7P
40-V, 35-m(ohm) Dual-Channel Smart High-Side Switch
TPS1HA08-Q1 TI1-TPS1HA08-Q1_18 Datasheet
963Kb / 52P
40-V, 8-m(ohm) Single-Channel Smart High-Side Switch
TPS2HB08-Q1 TI1-TPS2HB08-Q1_18 Datasheet
851Kb / 52P
40-V, 8-m(ohm) Dual-Channel Smart High-Side Switch
TPS2HB08-Q1 TI1-TPS2HB08-Q1_19 Datasheet
1Mb / 56P
40-V, 8-m(ohm) Dual-Channel Smart High-Side Switch
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com