Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33289 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # 33289
Description  Dual High-Side Switch 40 m ohm
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33289 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  33289 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33289 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33289 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33289 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33289 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33289 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33289 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33289 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33289 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Analog Integrated Circuit Device Data
2
Freescale Semiconductor
33289
PIN CONNECTIONS
PIN CONNECTIONS
Figure 2. 33289 Pin Connections
Table 1. Pin Function Description
Pin Number
Pin Name
Pin Function
Definition
1, 2, 5, 6, 15, 16,
19, 20
VBAT
Supply Voltage
These are the power supply pins of the device. These pins are directly connected
with the lead frame of the package and are tied to the drain of the switching
MOSFET. These pins can be directly connected to the battery voltage. In addition
to their supply function, these pins participate to the thermal behavior of the
device in conducting the heat from the switching MOSFET to the printed circuit
board.
3, 4, 18, 17
OUT1
OUT2
OUTPUT Channel 1
OUTPUT Channel 2
Pins 3 and 4 are the output 1 pins. Pins 17 and 18 are the output 2 pins. They are
directly connected to the source of the power MOSFET. These pins are used by
the control circuitry to sense the device output voltage. The RDSON is 40 mΩ max
per output at 25
°C and will increase to a maximum of 75 mΩ at 150°C junction
temperature.
8, 13
IN1
IN2
INPUT Channel 1
INPUT Channel 2
These are the device input pins which directly control their associated outputs.
The levels are CMOS compatible. When the input is a logic low, the associated
output MOSFET is in the off state. When input is high, the MOSFET is turned on
and the load is activated.
When both inputs are low, the device is in standby mode and its supply current is
reduced. Each input pin has an internal active pull down, so that it will not float if
disconnected.
9, 12
ST1
ST2
Status for Channel 1
Status for Channel 2
These pins are the channel 1 and channel 2 fault detection flags. Their internal
structure is an open drain architecture with an internal clamp at 6.0 V. An external
pull up resistor connected to VDD (5.0 V) is needed. This is an active low output.
If the device is in its normal condition the status lines will be high. If open load or
other fault occurs, the associated channel status flag will be pulled low. See
Functional Truth Table.
10
OLDE
Open Load Detection
Enable
This pin is a digital input which enables the open load current diagnostic circuitry.
When OLDE is a logic low, the open load circuitry is not powered and the device’s
bias current draw is at a minimum. If OLDE is a logic high, the open load circuitry
is functional at the price of a higher bias current draw. OLDE pin has a pull down
resistor.
11
GND
GROUND
This is the GND pin of the device.
1
2
3
5
4
6
7
8
9
10
20
11
12
13
14
15
16
17
18
19
VBAT
VBAT
OUT1
OUT1
VBAT
VBAT
NC
IN1
ST1
OLDE
VBAT
VBAT
OUT2
OUT2
VBAT
VBAT
NC
IN2
ST2
GND
PIN ASSIGNMENT



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com