Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33289 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # 33289
Description  Dual High-Side Switch 40 m ohm
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33289 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  33289 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33289 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33289 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33289 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33289 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33289 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33289 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33289 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33289 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Document Number: MC33289
Rev. 4.0, 6/2006
Freescale Semiconductor
Advance Information
* This document contains certain information on a new product.
Specifications and information herein are subject to change without notice.
© Freescale Semiconductor, Inc., 2006. All rights reserved.
Dual High-Side Switch 40 m
Ω
The 33289 is a Dual High Side Switch (DHSS) dedicated for use
in automotive applications. It is designed to drive typical inductive
loads such as solenoid valves.
This device consists of two independent 40 m
Ω RDSON MOSFET
channels plus corresponding control circuitry in a surface mount
package. The 33289 can be interfaced directly to a microcontroller for
input control and monitoring of diagnostic output.
Each switch offers independent protection and diagnosis during
overcurrent, overvoltage, and undervoltage conditions, as well as an
overtemperature shutdown feature.
A logic low on the Open Load Detect Enable pin (OLDE) minimizes
bias current drain by disabling the open load circuitry current source.
The device also has a very low quiescent current in standby mode.
FEATURES
• Designed to drive Automotive Inductive loads
• Operating Voltage Range from 6.0 V to 27 V
• Maximum Breakdown Voltage greater than 40 V
•40 m
Ω RDSON at 25°C
• Overtemperature Protection with Hysteresis
• Overcurrent protection
• Under Voltage Shutdown
• Over Voltage Shutdown
• Open Load Detection in Off-State
• Independent Diagnostic Output
• ESD Protection 2.0 kV
• Standby Current less than 5.0
µA at VBAT below 14 V
Figure 1. 33289 Simplified Application Diagram
ORDERING INFORMATION
Device
Temperature
Range (TA)
Package
MC33289DW/R2
-40°C to 125°C
20 SOICW
DW SUFFIX)
98ASB42343B
20-PIN SOICW
DUAL HIGH-SIDE SWITCH
33289
VPWR
33289
5.0 V
MCU
VBAT
OUT1
OUT2
GND
IN1
IN2
ST1
OLDE
ST2


Similar Part No. - 33289

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3328 ETC-3328 Datasheet
100Kb / 1P
Heyco짰 Nylon Cable Clamps
logo
Heyco.
3328 HEYCO-3328 Datasheet
84Kb / 1P
Nylon Cable Clamps
logo
KR Electronics, Inc.
3328-SMA KR-3328-SMA Datasheet
57Kb / 3P
865 MHz Bandpass Filter
logo
Aptiv
33283998 APTIV-33283998 Datasheet
241Kb / 2P
CTCS SP SERIES
33284519 APTIV-33284519 Datasheet
241Kb / 2P
CTCS SP SERIES
More results

Similar Description - 33289

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS1HA08-Q1 TI1-TPS1HA08-Q1 Datasheet
236Kb / 7P
40-V, 8-m(ohm) Single-Channel Smart High-Side Switch
TPS27S100 TI1-TPS27S100 Datasheet
1Mb / 36P
40-V, 80-m(ohm) Single-Channel High-Side Switch
TPS2HB50-Q1 TI1-TPS2HB50-Q1 Datasheet
239Kb / 7P
40-V, 50-m(ohm) Dual-Channel Smart High-Side Switch
TPS2HB08-Q1 TI1-TPS2HB08-Q1 Datasheet
171Kb / 7P
40-V, 8-m(ohm) Dual-Channel Smart High-Side Switch
TPS1H200-Q1 TI1-TPS1H200-Q1 Datasheet
848Kb / 32P
40-V 200-m(ohm) Single-Channel Smart High-Side Switch
TPS2HB16-Q1 TI1-TPS2HB16-Q1 Datasheet
304Kb / 10P
40-V, 16-m(ohm) Dual-Channel Smart High-Side Switch
TPS2HB35-Q1 TI1-TPS2HB35-Q1 Datasheet
239Kb / 7P
40-V, 35-m(ohm) Dual-Channel Smart High-Side Switch
TPS1HA08-Q1 TI1-TPS1HA08-Q1_18 Datasheet
963Kb / 52P
40-V, 8-m(ohm) Single-Channel Smart High-Side Switch
TPS2HB08-Q1 TI1-TPS2HB08-Q1_18 Datasheet
851Kb / 52P
40-V, 8-m(ohm) Dual-Channel Smart High-Side Switch
TPS2HB08-Q1 TI1-TPS2HB08-Q1_19 Datasheet
1Mb / 56P
40-V, 8-m(ohm) Dual-Channel Smart High-Side Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com