Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EE2-5SNU-R Datasheet (PDF) - NEC

EE2-5SNU-R Datasheet PDF - NEC
Part # EE2-5SNU-R
Download  EE2-5SNU-R Download
File Size   228.17 Kbytes
Page   12 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description Compact and lightweight, High breakdown voltage, Surface mounting type

EE2-5SNU-R Datasheet (PDF)

Go To PDF Page Download Datasheet
EE2-5SNU-R Datasheet PDF - NEC

Part # EE2-5SNU-R
Download  EE2-5SNU-R Click to download

File Size   228.17 Kbytes
Page   12 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description Compact and lightweight, High breakdown voltage, Surface mounting type

EE2-5SNU-R Datasheet (HTML) - NEC


EE2-5SNU-R Product details

DESCRIPTION

The EE2 series surface-mounting type sustaining high-performance of NEC TOKIN EC2 series.



FEATURES

• Compact and light weight

• 2 form c contact arrangement

• Low power consumption

• Reduced mounting space : 15 mm × 9.5 mm

• High-breakdown voltage of coil to contacts : 1500 Vac, 2500 V  (rise time : 2 µs, fall time : 10 µs)

• Low power consumption : 100 to 140 mW

• Capable of High-power switching : 700 Vac, 4.2 A, 4 times in case of accident

• NK type guarantee 1.5kVac over withstanding voltage at open contact. (Only make contact)



APPLICATIONS

  Electronic switching systems, PBX, terminal equipment, telephone system.



 




Similar Part No. - EE2-5SNU-R

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
EE2-5SNU-L KEMET-EE2-5SNU-L Datasheet
2Mb / 18P
Electronic switching systems
More results


Similar Description - EE2-5SNU-R

ManufacturerPart #DatasheetDescription
logo
NEC
EA2-3SNU NEC-EA2-3SNU Datasheet
113Kb / 8P
COMPACT AND LIGHTWEIGHT
logo
List of Unclassifed Man...
EE2-5NU ETC2-EE2-5NU Datasheet
228Kb / 12P
Compact and lightweight, High breakdown voltage, Surface mounting type
logo
NEC
ED2-5NJ NEC-ED2-5NJ Datasheet
389Kb / 16P
Ultra-low power, compact and lightweight, High breakdown voltage, Surface mounting type
EA2-24NU NEC-EA2-24NU Datasheet
106Kb / 12P
COMPACT AND LIGHTWEIGHT
logo
Panasonic Semiconductor
AEV14012W PANASONIC-AEV14012W Datasheet
203Kb / 9P
Compact and lightweight
logo
NEC
EC2-5SNJ NEC-EC2-5SNJ Datasheet
100Kb / 11P
COMPACT AND LIGHTWEIGHT, SMALL MOUNTING SIZE, HIGH BREAKDOWN VOLTAGE
logo
KODENSHI_AUK CORP.
PIC-A1804 KODENSHI-PIC-A1804 Datasheet
1Mb / 3P
Compact and lightweight design
logo
NEC
EC29SND NEC-EC29SND Datasheet
142Kb / 12P
High Insulation, High breakdown voltage, compact and lightweight, Surface mounting type
EC29SNU NEC-EC29SNU Datasheet
107Kb / 8P
COMPACT AND LIGHTWEIGHT, SMALL MOUNTING SIZE, HIGH BREAKDOWN VOLTAGE
ED29SNU NEC-ED29SNU Datasheet
159Kb / 16P
Ultra-low power, compact and lightweight, High breakdown voltage, Surface mounting type
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com