Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4413 Datasheet (PDF) - Linear Technology

LTC4413 Datasheet PDF - Linear Technology
Part # LTC4413
Download  LTC4413 Download
File Size   214.06 Kbytes
Page   12 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description 36V, Low Loss Dual PowerPath Controllers for Large PFETs

LTC4413 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC4413 Datasheet PDF - Linear Technology

Part # LTC4413
Download  LTC4413 Click to download

File Size   214.06 Kbytes
Page   12 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description 36V, Low Loss Dual PowerPath Controllers for Large PFETs

LTC4413 Datasheet (HTML) - Linear Technology




Similar Part No. - LTC4413

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4413 LINER-LTC4413 Datasheet
154Kb / 12P
Dual 2.6A, 2.5V to 5.5V, Ideal Diodes in 3mm 3mm DFN
logo
Linear Integrated Syste...
LTC4413 LINEAR-LTC4413 Datasheet
195Kb / 18P
Standalone 250mA Li-Ion Battery Charger in 2 횞 2 DFN
logo
Linear Technology
LTC4413 LINER-LTC4413 Datasheet
196Kb / 16P
Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4413 LINER-LTC4413 Datasheet
196Kb / 16P
Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
logo
Analog Devices
LTC4413 AD-LTC4413 Datasheet
1Mb / 14P
18V, 12A Ideal Diode
More results


Similar Description - LTC4413

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4414 LINER-LTC4414 Datasheet
166Kb / 12P
36V, Low Loss PowerPathTM Controller for Large PFETs
LTC4416 LINER-LTC4416 Datasheet
209Kb / 12P
36V, Low Loss Dual PowerPath Controllers for Large PFETs
LTC4412HV LINER-LTC4412HV_15 Datasheet
182Kb / 12P
36V, Low Loss PowerPath Controller in ThinSOT
LTC4416 LINER-LTC4416_15 Datasheet
256Kb / 12P
36V, Low Loss Dual PowerPath Controllers for Large PFETs
LTC4416-1 LINER-LTC4416-1_15 Datasheet
256Kb / 12P
36V, Low Loss Dual PowerPath Controllers for Large PFETs
LTC1473L LINER-LTC1473L_15 Datasheet
170Kb / 16P
Dual Low Voltage PowerPath Switch Driver
LTC4414 LINER-LTC4414_15 Datasheet
175Kb / 12P
36V, Low Loss PowerPath Controller for Large PFETs
LTC4412 LINER-LTC4412_15 Datasheet
405Kb / 14P
Low Loss PowerPath Controller in ThinSOT
LTC1479 LINER-LTC1479_15 Datasheet
384Kb / 24P
PowerPath Controller for Dual Battery Systems
LTC3118 LINER-LTC3118 Datasheet
1Mb / 40P
18V, 2A Buck-Boost DC/DC Converter with Low Loss Dual Input PowerPath
More results




About Linear Technology


Linear Technology was a publicly traded company that designed, manufactured, and marketed a wide range of analog integrated circuits (ICs) for applications in industrial, automotive, communications, and computing industries.
The company was founded in 1981 and was headquartered in Milpitas, California.
Linear Technology was acquired by Analog Devices, Inc. in 2017.
Linear Technology was known for its high-performance analog ICs, including amplifiers, voltage regulators, data converters, power management ICs, and interface products.
The company's products were designed for use in a variety of applications, including automotive, industrial, and energy management systems, among others.
With a focus on innovation and customer satisfaction, Linear Technology was committed to providing its customers with high-quality, reliable solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com