Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4413 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC4413
Description  36V, Low Loss Dual PowerPath Controllers for Large PFETs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4413 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC4413 Datasheet HTML 4Page - Linear Technology LTC4413 Datasheet HTML 5Page - Linear Technology LTC4413 Datasheet HTML 6Page - Linear Technology LTC4413 Datasheet HTML 7Page - Linear Technology LTC4413 Datasheet HTML 8Page - Linear Technology LTC4413 Datasheet HTML 9Page - Linear Technology LTC4413 Datasheet HTML 10Page - Linear Technology LTC4413 Datasheet HTML 11Page - Linear Technology LTC4413 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
LTC4416/LTC4416-1

4416fa
APPLICATIO S I FOR ATIO
This configuration would be used where V1 is a 12V power
supply and the V2 power supply is a 4-cell Li-Ion battery
pack. When V1 is 12V, E2 disables the V2 source from
being connected to VS through Q2A and Q2B by forcing
G2 to V2, H2 is open circuit. E1 is connected to a voltage
greater than the VREF to keep the V1 to VS path active. The
VS output can be shut completely off by grounding the E1
input. The LTC4416 takes its power from the higher of V1,
V2 and VS. This configuration will provide power from V1
to VS until the V1 supply drops below 9V.
When V1 drops below 9V, the H2 pin closes to GND, G2
drops to a VCLAMP below V2 and G1 rises to the VS volt-
age level. V2 will supply current to VS until V1 rises above
10.8V. The H1 output will be open until the E1 input drops
below the VREF voltage level.
The V1 VFAIL is determined by:
V
V
R A R c
R c
V
k
k
FAIL
ETH
=
+
=
+
•
.
•
.
.
2
2
2
1 222
158
24 9
24 9kk
V
= 8 98
.
The V1 VRESTORE is determined by:
V
V
R A R c R E
R c R E
V
RESTORE
ETH
=
+
(
)
(
)
=
•
.
•
2
2
2
2
2
1 222
1558
24 9 105
24 9 105
10 81
k
k
k
k
k
V
+
(
)
=
.
.
.
V1 is Greater Than V2
Figure 3 illustrates the external resistor configuration for
this case.
This configuration would be used where V1 is a 12V power
supply and the V2 power supply is a 3-cell Li-Ion battery
pack.WhenV1is16V,E1enablestheV1sourceasbeingthe
primarysupply,thusdisablingtheV2supplysinceV1>V2.
WhenE1>VREF,theH1outputisopen.TheVSoutputcanbe
shut completely off by grounding the H1 input and forcing
E2 > VREF. The LTC4416 takes its power from the higher of
V1, V2 and VS. This configuration will provide power from
V1 to VS until the V1 supply drops below 12V.
When V1 drops below 12V, the H1 pin closes to GND,
G2 drops to a VCLAMP below V2 and G1 rises to the V1
voltage level. V2 will supply current to VS until V1 rises
above 13.5V. The H2 output will be shorted to GND until
the E2 input goes above the VREF voltage level.
The V1 VFAIL is determined by:
V
V
R A R c
R c
V
k
k
FAIL
ETH
=
+
=
+
•
.
•
.
.
1
1
1
1 222
221 24 9
24 9kk
V
= 12 07
.
The V1 VRESTORE is determined by:
V
V
R A R c R D
R c R D
V
RESTORE
ETH
=
+
(
)
(
)
=
•
.
•
1
1
1
1
1
1 222
2221
24 9 187
24 9 187
13 51
k
k
k
k
k
V
+
(
)
=
.
.
.
Load Sharing
Figure 4 illustrates the configuration for this case.
This configuration would be used where V1 and V2 are
relatively the same voltage. In this case the LTC4416 acts
as two interconnected ideal diode controllers. VS will be
supplied by the higher of the two supplies, V1 and V2. If
V1 and V2 are exactly the same, then 50% of the current
for VS will be supplied by each supply. As the two supplies
LTC4416
PRIMARY SUPPLY
BACKUP SUPPLY
V2 = 10.8V
V1 = 12V (FAIL)
V1 = 13.5V (RESTORE)
SUP75P03_07
Q1
Q2
Q3
SUP75P03_07
E1
GND
E2
H2
H1
V1
G1
VS
G2
V2
R1D
187k
R1C
24.9k
R1A
221k
V1
GND
V2
VS
4416 F03
Figure 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com