Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4413 Datasheet(PDF) 12 Page - Linear Technology

Part # LTC4413
Description  36V, Low Loss Dual PowerPath Controllers for Large PFETs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4413 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC4413 Datasheet HTML 4Page - Linear Technology LTC4413 Datasheet HTML 5Page - Linear Technology LTC4413 Datasheet HTML 6Page - Linear Technology LTC4413 Datasheet HTML 7Page - Linear Technology LTC4413 Datasheet HTML 8Page - Linear Technology LTC4413 Datasheet HTML 9Page - Linear Technology LTC4413 Datasheet HTML 10Page - Linear Technology LTC4413 Datasheet HTML 11Page - Linear Technology LTC4413 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
LTC4416/LTC4416-1

4416fa
Linear Technology Corporation
1630 Mccarthy Blvd., Milpitas, cA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
 LINEAR TECHNOLOGY CORPORATION 2005
LT 0507 REV A • PRINTED IN USA
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LTC1473
Dual PowerPath Switch Driver
Switches and Isolates Sources Up to 30V
LTC1479
PowerPath Controller for Dual Battery Systems
Complete PowerPath Management for Two Batteries; DC Power Source,
Charger and Backup
LTC1558/LTC1559 Back-Up Battery Controller with Programmable Output Adjustable Backup Voltage from 1.2V NiCd Button Cell, Includes Boost
Converter
LT®1579
300mA Dual Input Smart Battery Back-Up Regulator
Maintains Output Regulation with Dual Inputs, 0.4V Dropout at 300mA
LTC1733/LTC1734 Monolithic Linear Li-Ion Chargers
Thermal Regulation, No External MOSFET/Sense Resistor
LTC1998
2.5µA, 1% Accurate Programmable Battery Detector
Adjustable Trip Voltage/Hysteresis, ThinSOTTM
LTC4055
USB Power Controller and Li-Ion Linear Charger
Automatic Battery Switchover, Thermal Regulation, Accepts Wall Adapter
and USB Power, 4mm
× 4mm QFN
LTC4066
USB Power Controller and Battery Charger
Charges Single Cell Li-Ion Batteries Directly from a USB Port, Thermal
Regulation, 50m
Ω Ideal Diode, 4mm × 4mm QFN24 Package
LTC4085
USB Power Manager with Ideal Diode Controller and
Li-Ion Charger
Charges Single Cell Li-Ion Batteries Directly from a USB Port, Thermal
Regulation, 200m
Ω Ideal Diode <50mΩ Option, 4mm × 3mm DFN14
Package
LTC4354
Negative Voltage Diode-OR Controller and Monitor
Replaces Power Schottky Diodes; 80V Operation
LTC4410
USB Power Manager in ThinSOT
Enables Simultaneous Battery Charging and Operation of USB Component
Peripheral Devices
LTC4411
SOT-23 Ideal Diode
2.6A Forward Current, 28mV Regulated Forward Voltage
LTC4412HV
36V, Low Loss PowerPath Controller in MSOP
–40°C to –125°C Operation; Automatic Switching Between DC Sources
LTC4413
Dual 2.6A, 2.5V to 5.5V Ideal Diodes in 3mm
× 3mm
DFN
100m
Ω ON Resistance, 1µA Reverse Leakage Current, 28mV Regulated
Forward Voltage
LTC4414
36V, Low Loss PowerPath Controller for Large PFETs
Drives Large QG PFETs, Very Low Loss Replacement for Power Supply
O’Ring Diodes, 3.5V to 36V AC/DC Adapter Voltage Range, MSOP-8
Package
ThinSOT is a trademark of Linear Technology Corporation.
PACKAGE DESCRIPTIO
MSOP (MS) 0603
0.53
± 0.152
(.021
± .006)
SEATING
PLANE
0.18
(.007)
1.10
(.043)
MAX
0.17 – 0.27
(.007 – .011)
TYP
0.127
± 0.076
(.005
± .003)
0.86
(.034)
REF
0.50
(.0197)
BSc
1 2 3 4 5
4.90
± 0.152
(.193
± .006)
0.497
± 0.076
(.0196
± .003)
REF
8
9
10
7 6
3.00
± 0.102
(.118
± .004)
(NOTE 3)
3.00
± 0.102
(.118
± .004)
(NOTE 4)
NOTE:
1. DIMENSIONS IN MILLIMETER/(INcH)
2. DRAWING NOT TO ScALE
3. DIMENSION DOES NOT INcLUDE MOLD FLASH, PROTRUSIONS OR GATE BURRS.
MOLD FLASH, PROTRUSIONS OR GATE BURRS SHALL NOT EXcEED 0.152mm (.006") PER SIDE
4. DIMENSION DOES NOT INcLUDE INTERLEAD FLASH OR PROTRUSIONS.
INTERLEAD FLASH OR PROTRUSIONS SHALL NOT EXcEED 0.152mm (.006") PER SIDE
5. LEAD cOPLANARITY (BOTTOM OF LEADS AFTER FORMING) SHALL BE 0.102mm (.004") MAX
0.254
(.010)
0
° – 6° TYP
DETAIL “A”
DETAIL “A”
GAUGE PLANE
5.23
(.206)
MIN
3.20 – 3.45
(.126 – .136)
0.889
± 0.127
(.035
± .005)
REcOMMENDED SOLDER PAD LAYOUT
0.305
± 0.038
(.0120
± .0015)
TYP
0.50
(.0197)
BSc
MS Package
10-Lead Plastic MSOP
(Reference LTc DWG # 05-08-1661)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com