Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC817X1 Datasheet (PDF) - Sharp Corporation

PC817X1 Datasheet PDF - Sharp Corporation
Part # PC817X1
Download  PC817X1 Download
File Size   267.26 Kbytes
Page   15 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description DIP 4pin General Purpose Photocoupler

PC817X1 Datasheet (PDF)

Go To PDF Page Download Datasheet
PC817X1 Datasheet PDF - Sharp Corporation

Part # PC817X1
Download  PC817X1 Click to download

File Size   267.26 Kbytes
Page   15 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description DIP 4pin General Purpose Photocoupler

PC817X1 Datasheet (HTML) - Sharp Corporation


PC817X1 Product details

■ Description

PC817X Seriescontains an IRED optically coupled to a phototransistor. It is packaged in a 4pin DIP, available in wide-lead spacing option and SMT gullwing lead-form option. Input-output isolation voltage(rms) is 5.0kV. Collector-emitter voltage is 80V and CTR is 50% to 600% at input current of 5mA.



■Features

1. 4pin DIP package

2. Double transfer mold package (Ideal for Flow Soldering)

3. High collector-emitter voltage (VCEO:80V)

4. Current transfer ratio (CTR : MIN. 50% at IF=5 mA, VCE=5V)

5. Several CTR ranks available

6. High isolation voltage between input and output (Viso(rms): 5.0 kV)




Similar Part No. - PC817X1

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC817X1 SHARP-PC817X1 Datasheet
286Kb / 15P
DIP 4pin General Purpose Photocoupler
Date Sep. 30. 2003
PC817X1J000F SHARP-PC817X1J000F Datasheet
265Kb / 15P
DIP 4pin General Purpose Photocoupler
Date Jun. 30. 2005
PC817X1NIP0F SHARP-PC817X1NIP0F Datasheet
523Kb / 14P
Series Photocoupler
June 2008
PC817X1NIP1B SHARP-PC817X1NIP1B Datasheet
1Mb / 14P
DIP 4pin Photocoupler
DATE Jan.15.2018
PC817X1NSZ0F SHARP-PC817X1NSZ0F Datasheet
952Kb / 13P
PC817XxNSZ0F Series DC Photocoupler
January 2006
More results


Similar Description - PC817X1

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC817X0J000F SHARP-PC817X0J000F Datasheet
265Kb / 15P
DIP 4pin General Purpose Photocoupler
Date Jun. 30. 2005
PC817XI1J00F SHARP-PC817XI1J00F Datasheet
265Kb / 15P
DIP 4pin General Purpose Photocoupler
Date Jun. 30. 2005
PC123CJ0000F SHARP-PC123CJ0000F Datasheet
333Kb / 16P
DIP 4pin Reinforced Insulation Type Photocoupler
PC814X1J000F SHARP-PC814X1J000F Datasheet
272Kb / 14P
DIP 4pin AC Input Photocoupler
PC817X4J000F SHARP-PC817X4J000F Datasheet
286Kb / 15P
DIP 4pin General Purpose Photocoupler
Date Sep. 30. 2003
PC817XI3J00F SHARP-PC817XI3J00F Datasheet
265Kb / 15P
DIP 4pin General Purpose Photocoupler
Date Jun. 30. 2005
PC123B SHARP-PC123B Datasheet
280Kb / 16P
DIP 4pin Reinforced Insulation Type Photocoupler
PC817XPJ000F SHARP-PC817XPJ000F Datasheet
265Kb / 15P
DIP 4pin General Purpose Photocoupler
Date Jun. 30. 2005
PC814XP SHARP-PC814XP Datasheet
235Kb / 14P
DIP 4pin AC Input Photocoupler
PC817XXNSZ1B SHARP-PC817XXNSZ1B Datasheet
1Mb / 14P
DIP 4pin Photocoupler
DATE Jan.15.2018
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com