Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC123B Datasheet (PDF) - Sharp Corporation

PC123B Datasheet PDF - Sharp Corporation
Part # PC123B
Download  PC123B Download
File Size   280.15 Kbytes
Page   16 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description DIP 4pin Reinforced Insulation Type Photocoupler

PC123B Datasheet (PDF)

Go To PDF Page Download Datasheet
PC123B Datasheet PDF - Sharp Corporation

Part # PC123B
Download  PC123B Click to download

File Size   280.15 Kbytes
Page   16 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description DIP 4pin Reinforced Insulation Type Photocoupler

PC123B Datasheet (HTML) - Sharp Corporation


PC123B Product details

■ Description
PC123 Series contains an IRED optically coupled to a phototransistor.
It is packaged in a 4-pin DIP, available in wide-lead spacing option and SMT gullwing lead-form option.
Input-output isolation voltage(rms) is 5.0kV.
CTR is 50% to 400% at input current of 5mA.

■ Features
1. 4-pin DIP package
2. Double transfer mold package (Ideal for Flow Soldering)
3. Current transfer ratio (CTR : MIN. 50% at IF=5 mA, VCE=5V)
4. Several CTR ranks available
5. Reinforced insulation type (Isolation distance : MIN. 0.4mm)
6. Long creepage distance type (wide lead-form type only : MIN. 8mm)
7. High isolation voltage between input and output (Viso(rms) : 5.0 kV)

■ Applications
1. I/O isolation for MCUs (Micro Controller Units)
2. Noise suppression in switching circuits
3. Signal transmission between circuits of different potentials and impedances
4. Over voltage detection




Similar Part No. - PC123B

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC123 SHARP-PC123 Datasheet
79Kb / 4P
European Safety Standard Approved Type Long Creepage Distance Photocoupler
PC123 SHARP-PC123 Datasheet
714Kb / 15P
DEVICE SPECIFICATION FOR PHOTOCOUPLER
PC12310NFZ0F SHARP-PC12310NFZ0F Datasheet
491Kb / 16P
DIP 4pin Reinforced Insulation Type, High CMR, Low Input Current Photocoupler
PC12310NFZ0X SHARP-PC12310NFZ0X Datasheet
585Kb / 17P
PC1231xxFZ0X Series Photocoupler
PC12310NIP0F SHARP-PC12310NIP0F Datasheet
491Kb / 16P
DIP 4pin Reinforced Insulation Type, High CMR, Low Input Current Photocoupler
More results


Similar Description - PC123B

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC3SH21YFZ SHARP-PC3SH21YFZ Datasheet
308Kb / 15P
VDRM : 600V, Reinforced insulation type Zero cross type DIP 4pin Phototriac Coupler for triggering
PC123FY2J00F SHARP-PC123FY2J00F Datasheet
333Kb / 16P
DIP 4pin Reinforced Insulation Type Photocoupler
PC123XNNSZ0F SHARP-PC123XNNSZ0F Datasheet
287Kb / 16P
DIP 4pin Reinforced Insulation Type Photocoupler
PC123CJ0000F SHARP-PC123CJ0000F Datasheet
333Kb / 16P
DIP 4pin Reinforced Insulation Type Photocoupler
PC123Y22J00F SHARP-PC123Y22J00F Datasheet
294Kb / 16P
DIP 4pin Reinforced Insulation Type Photocoupler
PC123F1J000F SHARP-PC123F1J000F Datasheet
333Kb / 16P
DIP 4pin Reinforced Insulation Type Photocoupler
PC12311NSZ0F SHARP-PC12311NSZ0F Datasheet
491Kb / 16P
DIP 4pin Reinforced Insulation Type, High CMR, Low Input Current Photocoupler
PC123FY8J00F SHARP-PC123FY8J00F Datasheet
333Kb / 16P
DIP 4pin Reinforced Insulation Type Photocoupler
PC123P2 SHARP-PC123P2 Datasheet
280Kb / 16P
DIP 4pin Reinforced Insulation Type Photocoupler
PC817XXNSZ1B SHARP-PC817XXNSZ1B Datasheet
1Mb / 14P
DIP 4pin Photocoupler
DATE Jan.15.2018
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com