Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C8051F340 Datasheet (PDF) - Silicon Laboratories

C8051F340 Datasheet PDF - Silicon Laboratories
Part # C8051F340
Download  C8051F340 Download
File Size   1832.79 Kbytes
Page   276 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description Full Speed USB Flash MCU Family

C8051F340 Datasheet (PDF)

Go To PDF Page Download Datasheet
C8051F340 Datasheet PDF - Silicon Laboratories

Part # C8051F340
Download  C8051F340 Click to download

File Size   1832.79 Kbytes
Page   276 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description Full Speed USB Flash MCU Family

C8051F340 Datasheet (HTML) - Silicon Laboratories


C8051F340 Product details

Analog Peripherals

- 10-Bit ADC (C8051F340/1/2/3/4/5/6/7/A/B only)

• Up to 200 ksps

• Built-in analog multiplexer with single-ended and differential mode

• VREF from external pin, internal reference, or VDD

• Built-in temperature sensor

• External conversion start input option

- Two comparators

- Internal voltage reference (C8051F340/1/2/3/4/5/6/7/A/B only)

- Brown-out detector and POR Circuitry

USB Function Controller

- USB specification 2.0 compliant

- Full speed (12 Mbps) or low speed (1.5 Mbps) operation

- Integrated clock recovery; no external crystal required for

full speed or low speed

- Supports eight flexible endpoints

- 1 kB USB buffer memory

- Integrated transceiver; no external resistors required

On-Chip Debug

- On-chip debug circuitry facilitates full speed, non-intru

sive in-system debug (No emulator required)

- Provides breakpoints, single stepping,

inspect/modify memory and registers

- Superior performance to emulation systems using

ICE-chips, target pods, and sockets

Voltage Supply Input: 2.7 to 5.25 V

- Voltages from 3.6 to 5.25 V supported using On-Chip

Voltage Regulator

HIgh Speed 8051 µC Core

- Pipelined instruction architecture; executes 70% of

Instructions in 1 or 2 system clocks

- 48 MIPS and 25 MIPS versions available.

- Expanded interrupt handler

Memory

- 4352 or 2304 Bytes RAM

- 64 or 32 kB Flash; In-system programmable in 512-byt

sectors

Digital Peripherals

- 40/25 Port I/O; All 5 V tolerant with high sink current

- Hardware enhanced SPI™, SMBus™, and one or two

enhanced UART serial ports

- Four general purpose 16-bit counter/timers

- 16-bit programmable counter array (PCA) with five cap

ture/compare modules

- External Memory Interface (EMIF)

Clock Sources

- Internal Oscillator: ±0.25% accuracy with clock recover

enabled. Supports all USB and UART modes

- External Oscillator: Crystal, RC, C, or clock (1 or 2 Pin

modes)

- Low Frequency (80 kHz) Internal Oscillator

- Can switch between clock sources on-the-fly

Packages

- 48-pin TQFP (C8051F340/1/4/5/8/C)

- 32-pin LQFP (C8051F342/3/6/7/9/A/B/D)

- 5x5 mm 32-pin QFN (C8051F342/3/6/7/9/A/B)

Temperature Range: –40 to +85 °C




Similar Part No. - C8051F340

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C8051F340 ETC1-C8051F340 Datasheet
2Mb / 282P
Full Speed USB Flash MCU Family
logo
Silicon Laboratories
C8051F340 SILABS-C8051F340 Datasheet
2Mb / 288P
Full Speed USB Flash MCU Family
C8051F340 SILABS-C8051F340 Datasheet
452Kb / 8P
USB DRIVER CUSTOMIZATION
C8051F340 SILABS-C8051F340 Datasheet
1Mb / 276P
On-chip debug circuity facilitates full speed non-intru-sive in-system debug (No emulatr required)
C8051F340 SILABS-C8051F340 Datasheet
52Kb / 1P
USB, 48 MIPS, 64 kB Flash, 10-Bit ADC, 48-Pin Mixed-Signal MCU
More results


Similar Description - C8051F340

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C8051F32X ETC-C8051F32X Datasheet
3Mb / 256P
Full Speed USB, 16k ISP FLASH MCU Family
C8051F326 ETC1-C8051F326 Datasheet
1Mb / 40P
Full Speed USB, 16 kB Flash MCU Family
C8051F340 ETC1-C8051F340 Datasheet
2Mb / 282P
Full Speed USB Flash MCU Family
logo
Silicon Laboratories
C8051F340_0608 SILABS-C8051F340_0608 Datasheet
2Mb / 288P
Full Speed USB Flash MCU Family
C8051F38X SILABS-C8051F38X Datasheet
82Kb / 2P
Full Speed USB Flash MCU Family
C8051F321-GMR SILABS-C8051F321-GMR Datasheet
1Mb / 250P
Full Speed USB, 16 k ISP FLASH MCU Family
logo
List of Unclassifed Man...
C8051F327-GM ETC2-C8051F327-GM Datasheet
1Mb / 142P
Full Speed USB, 16 kB Flash MCU Family
logo
Silicon Laboratories
C8051F326 SILABS-C8051F326_08 Datasheet
1Mb / 141P
Full Speed USB, 16 kB Flash MCU Family
C8051F320DK SILABS-C8051F320DK Datasheet
1Mb / 250P
Full Speed USB, 16 k ISP FLASH MCU Family
C8051F320 SILABS-C8051F320_V01 Datasheet
4Mb / 254P
Full Speed USB, 16 k ISP FLASH MCU Family
Rev. 1.4
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com