Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8351 Datasheet (PDF) - Analog Devices

AD8351 Datasheet PDF - Analog Devices
Part # AD8351
Download  AD8351 Download
File Size   405.83 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Distortion Differential RF/IF Amplifier

AD8351 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8351 Datasheet PDF - Analog Devices

Part # AD8351
Download  AD8351 Click to download

File Size   405.83 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Distortion Differential RF/IF Amplifier

AD8351 Datasheet (HTML) - Analog Devices


AD8351 Product details

GENERAL DESCRIPTION
The AD8351 is a low cost differential amplifier useful in RF and IF applications up to 2.2 GHz. The voltage gain can be set from unity to 26 dB using a single external gain resistor. The AD8351 provides a nominal 150 Ω differential output impedance. The excellent distortion performance and low noise characteristics of this device allow for a wide range of applications.

FEATURES
   −3 dB bandwidth of 2.2 GHz for AV = 12 dB
   Single resistor programmable gain: 0 dB ≤ AV ≤ 26 dB
   Differential interface
   Low noise input stage 2.7 nV/√Hz at AV = 10 dB
   Low harmonic distortion
   −79 dBc second at 70 MHz
   −81 dBc third at 70 MHz
   OIP3 of 31 dBm at 70 MHz
   Single-supply operation: 3 V to 5.5 V
   Low power dissipation: 28 mA at 5 V
   Adjustable output common-mode voltage
   Fast settling and overdrive recovery
   Slew rate of 13,000 V/μs
   Power-down capability

APPLICATIONS
   Differential ADC drivers
   Single-ended-to-differential conversion
   IF sampling receivers
   RF/IF gain blocks
   SAW filter interfacing




Similar Part No. - AD8351

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8351 AD-AD8351 Datasheet
471Kb / 16P
Low Distortion Differential RF/IF Amplifier
REV. B
AD8351 AD-AD8351 Datasheet
478Kb / 19P
Low Distortion Differential RF/IF Amplifier
Rev. D
AD8351-EVAL AD-AD8351-EVAL Datasheet
471Kb / 16P
Low Distortion Differential RF/IF Amplifier
REV. B
AD8351-EVALZ AD-AD8351-EVALZ Datasheet
478Kb / 19P
Low Distortion Differential RF/IF Amplifier
Rev. D
AD8351ACPZ-R7 AD-AD8351ACPZ-R7 Datasheet
479Kb / 19P
Low Distortion Differential RF/IF Amplifier
REV. D
More results


Similar Description - AD8351

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8352_0610 AD-AD8352_0610 Datasheet
510Kb / 20P
2 GHz Ultralow Distortion Differential RF/IF Amplifier
9/06-Rev. 0 to Rev. A
ADL5562 AD-ADL5562 Datasheet
563Kb / 24P
3.3 GHz Ultralow Distortion RF/IF Differential Amplifier
REV. A
AD8352 AD-AD8352_08 Datasheet
463Kb / 20P
2 GHz Ultralow Distortion Differential RF/IF Amplifier
REV. B
ADL5561 AD-ADL5561 Datasheet
571Kb / 24P
2.9 GHz Ultralow Distortion RF/IF Differential Amplifier
REV. B
AD8351ARMZ AD-AD8351ARMZ Datasheet
471Kb / 16P
Low Distortion Differential RF/IF Amplifier
REV. B
AD8351 AD-AD8351 Datasheet
471Kb / 16P
Low Distortion Differential RF/IF Amplifier
REV. B
AD8351 AD-AD8351_15 Datasheet
479Kb / 19P
Low Distortion Differential RF/IF Amplifier
REV. D
AD8352 AD-AD8352_15 Datasheet
463Kb / 20P
2 GHz Ultralow Distortion Differential RF/IF Amplifier
REV. B
ADL5562 AD-ADL5562_17 Datasheet
560Kb / 21P
3.3 GHz Ultralow Distortion RF/IF Differential Amplifier
Rev. F
AD8352 AD-AD8352_18 Datasheet
471Kb / 19P
2 GHz, Ultralow Distortion, Differential RF/IF Amplifier
Apr-2018
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com