Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9764ARU Datasheet (PDF) - Analog Devices

AD9764ARU Datasheet PDF - Analog Devices
Part # AD9764ARU
Download  AD9764ARU Download
File Size   314.11 Kbytes
Page   22 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 14-Bit, 125 MSPS TxDAC D/A Converter

AD9764ARU Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9764ARU Datasheet PDF - Analog Devices

Part # AD9764ARU
Download  AD9764ARU Click to download

File Size   314.11 Kbytes
Page   22 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 14-Bit, 125 MSPS TxDAC D/A Converter

AD9764ARU Datasheet (HTML) - Analog Devices


AD9764ARU Product details

PRODUCT DESCRIPTION
The AD9764 is the 14-bit resolution member of the TxDAC series of high performance, low power CMOS digital-to-analog converters (DACs). The TxDAC family, which consists of pin compatible 8-, 10-, 12-, and 14-bit DACs, is specifically optimized for the transmit signal path of communication systems. All of the devices share the same interface options, small outline package and pinout, providing an upward or downward component selection path based on performance, resolution and cost. The AD9764 offers exceptional ac and dc performance while supporting update rates up to 125 MSPS.
   
FEATURES
    Member of Pin-Compatible TxDAC Product Family
    125 MSPS Update Rate
    14-Bit Resolution
    Excellent SFDR and IMD
    Differential Current Outputs: 2 mA to 20 mA
    Power Dissipation: 190 mW @ 5 V to 45 mW @ 3 V
    Power-Down Mode: 25 mW @ 5 V
    On-Chip 1.20 V Reference
    Single +5 V or +3 V Supply Operation
    Packages: 28-Lead SOIC and TSSOP
    Edge-Triggered Latches
   
APPLICATIONS
    Communication Transmit Channel:
        Basestations
        ADSL/HFC Modems
    Instrumentation
   




Similar Part No. - AD9764ARU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9764ARU AD-AD9764ARU Datasheet
307Kb / 22P
14-Bit, 125 MSPS TxDAC D/A Converter
REV.B
AD9764ARU AD-AD9764ARU Datasheet
314Kb / 22P
14-Bit, 125 MSPS TxDAC D/A Converter
REV. B
AD9764ARU AD-AD9764ARU Datasheet
314Kb / 22P
14-Bit, 125 MSPS TxDAC D/A Converter
REV. B
AD9764ARUZ AD-AD9764ARUZ Datasheet
314Kb / 22P
14-Bit, 125 MSPS TxDAC D/A Converter
REV. B
AD9764ARUZRL7 AD-AD9764ARUZRL7 Datasheet
314Kb / 22P
14-Bit, 125 MSPS TxDAC D/A Converter
REV. B
More results


Similar Description - AD9764ARU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9709 AD-AD9709 Datasheet
466Kb / 27P
8-Bit, 125 MSPS Dual TxDAC D/A Converter
REV.0
AD9754 AD-AD9754 Datasheet
327Kb / 24P
14-Bit, 125 MSPS High Performance TxDAC D/A Converter
REV.A
AD9760 AD-AD9760 Datasheet
412Kb / 23P
10-Bit, 125 MSPS TxDAC D/A Converter
REV.B
AD9762 AD-AD9762 Datasheet
414Kb / 23P
12-Bit, 125 MSPS TxDAC D/A Converter
REV.B
AD9763 AD-AD9763 Datasheet
460Kb / 28P
10-Bit, 125 MSPS Dual TxDAC D/A Converter
REV.B
AD9764 AD-AD9764 Datasheet
307Kb / 22P
14-Bit, 125 MSPS TxDAC D/A Converter
REV.B
AD9767 AD-AD9767 Datasheet
469Kb / 27P
14-Bit, 125 MSPS Dual TxDAC D/A Converter
REV.B
AD9764ARUZ AD-AD9764ARUZ Datasheet
314Kb / 22P
14-Bit, 125 MSPS TxDAC D/A Converter
REV. B
AD9754ARURL7 AD-AD9754ARURL7 Datasheet
326Kb / 24P
14-Bit, 125 MSPS High Performance TxDAC D/A Converter
REV. A
AD9764ARUZRL7 AD-AD9764ARUZRL7 Datasheet
314Kb / 22P
14-Bit, 125 MSPS TxDAC D/A Converter
REV. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com