Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPDV3V0SP-HF Datasheet (PDF) - Comchip Technology

CPDV3V0SP-HF Datasheet PDF - Comchip Technology
Part # CPDV3V0SP-HF
Download  CPDV3V0SP-HF Download
File Size   294.29 Kbytes
Page   5 Pages
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology
Description Low Capacitance SMD ESD Protection Diode

CPDV3V0SP-HF Datasheet (PDF)

Go To PDF Page Download Datasheet
CPDV3V0SP-HF Datasheet PDF - Comchip Technology

Part # CPDV3V0SP-HF
Download  CPDV3V0SP-HF Click to download

File Size   294.29 Kbytes
Page   5 Pages
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology
Description Low Capacitance SMD ESD Protection Diode

CPDV3V0SP-HF Datasheet (HTML) - Comchip Technology


CPDV3V0SP-HF Product details

RoHS Device
Halogen Free

Features
- Protects one Bi-directional I/O line
- Working Voltage: 3V,3.3V,5V,8V,12V,15V,24V
- Low clamping voltage
- IEC61000-4-2 Level 4 ESD Protection.
- IEC61000-4-4 Level 4 FET protection.
- IEC61000-4-5 (Lightning) rating. 12A( 8/20µS)

Mechanical data
- Case: SOD-323 small outline plastic package.
- Molding Compound Flammability Rating: UL 94V-0.
- Terminals: Matte tin plated, solderable per MIL-STD-202, method 208.
- Mounting position: Any.
- Weight: 0.005 gram(approx.).
- Packing: 3,000 pieces per 7” reel




Similar Part No. - CPDV3V0SP-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CPDV3V0SP-HF COMCHIP-CPDV3V0SP-HF Datasheet
294Kb / 5P
Low Capacitance SMD ESD Protection Diode
CPDV3V0SP-HF COMCHIP-CPDV3V0SP-HF_15 Datasheet
294Kb / 5P
Low Capacitance SMD ESD Protection Diode
More results


Similar Description - CPDV3V0SP-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CPDQ5V0USP-HF COMCHIP-CPDQ5V0USP-HF Datasheet
80Kb / 5P
Ultra Low Capacitance SMD ESD Protection Diode
CPDUR9V0LP-HF COMCHIP-CPDUR9V0LP-HF Datasheet
318Kb / 4P
Low Capacitance ESD SMD Protection Diode
CPDQT5V0SP-HF COMCHIP-CPDQT5V0SP-HF Datasheet
558Kb / 3P
Supper Low Capacitance SMD ESD Protection Diode
CPDUR9V0LP-HF COMCHIP-CPDUR9V0LP-HF Datasheet
318Kb / 4P
Low Capacitance ESD SMD Protection Diode
CPDV3V0SP-HF COMCHIP-CPDV3V0SP-HF Datasheet
294Kb / 5P
Low Capacitance SMD ESD Protection Diode
CPDQT5V0SP-HF COMCHIP-CPDQT5V0SP-HF_15 Datasheet
558Kb / 3P
Supper Low Capacitance SMD ESD Protection Diode
CPDUR9V0LP-HF COMCHIP-CPDUR9V0LP-HF_15 Datasheet
91Kb / 4P
Low Capacitance ESD SMD Protection Diode
CPDV3V0SP-HF COMCHIP-CPDV3V0SP-HF_15 Datasheet
294Kb / 5P
Low Capacitance SMD ESD Protection Diode
CPDQC5V0USP-HF COMCHIP-CPDQC5V0USP-HF Datasheet
116Kb / 4P
SMD Low Capacitance ESD Protection Diode
CPDT-5V0USP-HF COMCHIP-CPDT-5V0USP-HF Datasheet
124Kb / 4P
Low Capacitance SMD ESD Protection Diode
More results




About Comchip Technology


Comchip Technology is a global manufacturer of high-quality discrete semiconductors and passive components. The company was founded in 1987 and is headquartered in Taiwan.

Comchip Technology offers a wide range of products, including diodes, rectifiers, bridge rectifiers, transient voltage suppressors, and zener diodes. The company also produces a variety of passive components, such as ceramic capacitors, tantalum capacitors, and inductors.

Comchip Technology has a strong focus on research and development, and has developed a number of proprietary technologies that have helped to establish the company as a leader in its field. The company has also established strategic partnerships with other leading semiconductor manufacturers in order to further enhance its capabilities.

Comchip Technology's products are used in a variety of applications, including power management, consumer electronics, automotive, telecommunications, and industrial equipment. The company is committed to providing high-quality products and exceptional customer service, and is continuously improving its products and processes in order to better meet the needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com