Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5372 Datasheet (PDF) - Analog Devices

ADL5372 Datasheet PDF - Analog Devices
Part # ADL5372
Download  ADL5372 Download
File Size   809.96 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1500 MHz to 2500 MHz Quadrature Modulator

ADL5372 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADL5372 Datasheet PDF - Analog Devices

Part # ADL5372
Download  ADL5372 Click to download

File Size   809.96 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1500 MHz to 2500 MHz Quadrature Modulator

ADL5372 Datasheet (HTML) - Analog Devices


ADL5372 Product details

GENERAL DESCRIPTION
The ADL5372 is a member of the fixed-gain quadrature modulator (F-MOD) family designed for use from 1500 MHz to 2500 MHz. Its excellent phase accuracy and amplitude balance enable high performance intermediate frequency or direct radio frequency modulation for communication systems.

FEATURES
   Output frequency range: 1500 MHz to 2500 MHz
   Modulation bandwidth: >500 MHz (3 dB)
   1 dB output compression: 14 dBm at 1900 MHz
   Noise floor: −158 dBm/Hz
   Sideband suppression: −45 dBc at 1900 MHz
   Carrier feedthrough: −45 dBm at 1900 MHz
   Single supply: 4.75 V to 5.25 V
   24-lead LFCSP

APPLICATIONS
   Cellular communication systems
      CDMA2000/GSM/WCDMA
   WiMAX/broadband wireless access systems
   Satellite modems




Similar Part No. - ADL5372

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5372 AD-ADL5372 Datasheet
2Mb / 20P
300 MHz to 1000 MHz Quadrature Modulator
10/06-Revision 0
ADL5372 AD-ADL5372 Datasheet
2Mb / 32P
400 MHz to 6 GHz Broadband Quadrature Modulator
REV. 0
ADL5372 AD-ADL5372 Datasheet
209Kb / 8P
Correcting Imperfections in IQ Modulators to Improve RF Signal Fidelity
REV. 0
ADL5372 AD-ADL5372 Datasheet
129Kb / 2P
Interfacing the ADL5372 I/Q Modulator to the AD9779A Dual-Channel, 1 GSPS High Speed DAC
REV. A
ADL5372 AD-ADL5372_15 Datasheet
809Kb / 24P
1500 MHz to 2500 MHz Quadrature Modulator
REV. 0
More results


Similar Description - ADL5372

ManufacturerPart #DatasheetDescription
logo
Stanford Microdevices
STQ-3016 STANFORD-STQ-3016 Datasheet
222Kb / 8P
2500 - 4000 MHz Direct Quadrature Modulator
logo
Skyworks Solutions Inc.
SKY73010 SKYWORKS-SKY73010 Datasheet
136Kb / 8P
300 - 2500 MHz Direct Quadrature Modulator
logo
List of Unclassifed Man...
STQ-2016-3 ETC1-STQ-2016-3 Datasheet
533Kb / 16P
700-2500 MHz Direct Quadrature Modulator
logo
SIRENZA MICRODEVICES
STQ-2016 SIRENZA-STQ-2016 Datasheet
389Kb / 8P
700-2500 MHz Direct Quadrature Modulator
STQ-2016-3 SIRENZA-STQ-2016-3 Datasheet
533Kb / 16P
700-2500 MHz Direct Quadrature Modulator
STQ-3016 SIRENZA-STQ-3016 Datasheet
904Kb / 8P
2500 -4000 MHz Direct Quadrature Modulator
logo
Analog Devices
ADRF6701 AD-ADRF6701 Datasheet
1Mb / 36P
400 MHz to 1250 MHz Quadrature Modulator
REV. 0
ADRF6750ACPZ-R7 AD-ADRF6750ACPZ-R7 Datasheet
1Mb / 40P
950 MHz to 1575 MHz Quadrature Modulator
REV. A
ADL5372 AD-ADL5372_15 Datasheet
809Kb / 24P
1500 MHz to 2500 MHz Quadrature Modulator
REV. 0
ADL5385 AD-ADL5385_15 Datasheet
1Mb / 26P
30 MHz to 2200 MHz Quadrature Modulator
REV. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com