Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1073 Datasheet (PDF) - Analog Devices

ADM1073 Datasheet PDF - Analog Devices
Part # ADM1073
Download  ADM1073 Download
File Size   376.76 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Full-Feature ??8 V Hot Swap Controller

ADM1073 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADM1073 Datasheet PDF - Analog Devices

Part # ADM1073
Download  ADM1073 Click to download

File Size   376.76 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Full-Feature ??8 V Hot Swap Controller

ADM1073 Datasheet (HTML) - Analog Devices


ADM1073 Product details

GENERAL DESCRIPTION
The ADM1073 is a full-feature, negative voltage, hot swap controller that allows boards to be safely inserted and removed from a live −48 V backplane. The part provides precise and robust current limiting, and protection against both transient and nontransient short circuits in overvoltage and undervoltage conditions. The ADM1073 can operate from a negative voltage of −18 V to −80 V and can tolerate transient voltages of up to −200 V.

FEATURES
   Precision inrush linear current limit
   Soft start inrush current limit profiling
   Precision maximum on-time in current limit
   Maximum on-time modulated by FET drain voltage for
      additional SOA protection
   Adjustable PWM retry scheme and multiple device cascading
      capability for charging large capacitive loads
   Limited number of PWM cycles for FET SOA protection under
      short circuit condition
   Ability to configure device as continuous autoretry with a
      5-second cooling period
   Shunt regulator topology to allow very large transient input
      supplies
   Separate UV and OV pins for programming allowable input
      supply window
   Programmable OV hysteresis using current source into pin
      when supply is high
   Programmable UV hysteresis using current sink from pin
      when supply is low
   PWRGD output indicates when capacitor charging complete
   SPLYGD output indicates when supply is within
      valid window
   LATCHED output indicates the end of the retry cycle before
      load capacitance is charged
   SHDN input for user-commanded shutdown
   RESTART input for user-triggered 5-second shutdown and
      autorestart— virtual card reseat

APPLICATIONS
   Central office switching
   Telecommunication and data communication equipment
   −48 V distributed power systems
   Negative power supply control
   High availability servers
   −48 V power supply modules
   Disk arrays




Similar Part No. - ADM1073

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1073 AD-ADM1073 Datasheet
305Kb / 24P
Full-Feature ??8 V Hot Swap Controller
4/04-Revision 0
ADM1073 AD-ADM1073 Datasheet
376Kb / 24P
Full-Feature ??8 V Hot Swap Controller
REV. B
ADM1073ARU AD-ADM1073ARU Datasheet
305Kb / 24P
Full-Feature ??8 V Hot Swap Controller
4/04-Revision 0
ADM1073ARU-REEL AD-ADM1073ARU-REEL Datasheet
305Kb / 24P
Full-Feature ??8 V Hot Swap Controller
4/04-Revision 0
ADM1073ARU-REEL7 AD-ADM1073ARU-REEL7 Datasheet
305Kb / 24P
Full-Feature ??8 V Hot Swap Controller
4/04-Revision 0
More results


Similar Description - ADM1073

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1642 LINER-LTC1642 Datasheet
147Kb / 12P
Hot Swap Controller
logo
Analog Devices
ADM1070 AD-ADM1070 Datasheet
367Kb / 16P
-48 V Hot Swap Controller
REV.0
ADM1073 AD-ADM1073 Datasheet
305Kb / 24P
Full-Feature ??8 V Hot Swap Controller
4/04-Revision 0
ADM1075 AD-ADM1075 Datasheet
745Kb / 52P
??8 V Hot Swap Controller and Digital
REV. A
ADM1073ARUZ AD-ADM1073ARUZ Datasheet
376Kb / 24P
Full-Feature ??8 V Hot Swap Controller
REV. B
ADM1070 AD-ADM1070_15 Datasheet
341Kb / 16P
48 V Hot Swap Controller
REV. 0
ADM1073 AD-ADM1073_15 Datasheet
376Kb / 24P
Full-Feature 48 V Hot Swap Controller
REV. B
logo
Linear Technology
LTC1421-2.5 LINER-LTC1421-2.5_15 Datasheet
334Kb / 24P
Hot Swap Controller
LTC4218 LINER-LTC4218_15 Datasheet
318Kb / 18P
Hot Swap Controller
logo
Texas Instruments
TPS23521 TI1-TPS23521 Datasheet
719Kb / 29P
??8 V High Performance Hot Swap Controller
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com