Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP90 Datasheet (PDF) - Analog Devices

OP90 Datasheet PDF - Analog Devices
Part # OP90
Download  OP90 Download
File Size   1140.85 Kbytes
Page   13 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Precision Low-Voltage Micropower Operational Amplifier

OP90 Datasheet (PDF)

Go To PDF Page Download Datasheet
OP90 Datasheet PDF - Analog Devices

Part # OP90
Download  OP90 Click to download

File Size   1140.85 Kbytes
Page   13 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Precision Low-Voltage Micropower Operational Amplifier

OP90 Datasheet (HTML) - Analog Devices


OP90 Product details

GENERAL DESCRIPTION

The OP90 is a high performance, micropower op amp that operates from a single supply of 1.6 V to 36 V or from dual supplies of ±0.8 V to ±18 V. The input voltage range includes the negative rail allowing the OP90 to accommodate input signals down to ground in a single-supply operation. The OP90’s output swing also includes a ground when operating from a single-supply, enabling “zero-in, zero-out” operation.



FEATURES

    Single/Dual Supply Operation: 1.6 V to 36 V, ±0.8 V to ±18 V

    True Single-Supply Operation; Input and Output Voltage Ranges Include Ground

    Low Supply Current: 20 µA Max

    High Output Drive: 5 mA Min

    Low Input Offset Voltage: 150 µV Max

    High Open-Loop Gain: 700 V/mV Min

    Outstanding PSRR: 5.6 µV/V Max

    Standard 741 Pinout with Nulling to V–




Similar Part No. - OP90

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP90 AD-OP90 Datasheet
426Kb / 12P
PRECISION, LOW VOLTAGE MICROPOWER OPERATIONAL AMPLIFIER
OP90 AD-OP90 Datasheet
653Kb / 12P
Precision Low-Voltage Micropower Operational Amplifier
9/01-Data Sheet changed from REV. 0 to REV. A.
logo
Maxim Integrated Produc...
OP90 MAXIM-OP90 Datasheet
234Kb / 8P
Precision Low Voltage Micropower Operational Amplifier
19-2478 10/89
logo
OPTEK Technologies
OP900SL OPTEK-OP900SL Datasheet
250Kb / 2P
PN Junction Silicon Photodiode
logo
TT Electronics.
OP900SL TTELEC-OP900SL Datasheet
350Kb / 3P
PN Silicon Photodiode
More results


Similar Description - OP90

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP-290 AD-OP-290 Datasheet
360Kb / 10P
PRECISION, LOW POWER, MICROPOWER DUAL OPERATIONAL AMPLIFIER
OP-90 AD-OP-90 Datasheet
426Kb / 12P
PRECISION, LOW VOLTAGE MICROPOWER OPERATIONAL AMPLIFIER
OP290 AD-OP290 Datasheet
165Kb / 12P
Precision, Low Power, Micropower Dual Operational Amplifier
OP90 AD-OP90 Datasheet
653Kb / 12P
Precision Low-Voltage Micropower Operational Amplifier
9/01-Data Sheet changed from REV. 0 to REV. A.
logo
Maxim Integrated Produc...
OP90 MAXIM-OP90 Datasheet
234Kb / 8P
Precision Low Voltage Micropower Operational Amplifier
19-2478 10/89
logo
Analog Devices
AD8500 AD-AD8500 Datasheet
630Kb / 12P
Micropower Precision CMOS Operational Amplifier
8/06-Rev. 0 to Rev. A
OP290 AD-OP290_03 Datasheet
189Kb / 12P
Precision, Low Power, Micropower Dual Operational Amplifier
REV. B
AD8500 AD-AD8500_15 Datasheet
457Kb / 12P
Micropower Precision CMOS Operational Amplifier
REV. B
OP290 AD-OP290_15 Datasheet
284Kb / 12P
Precision, Low Power, Micropower Dual Operational Amplifier
REV. C
logo
Maxim Integrated Produc...
OP90 MAXIM-OP90_V01 Datasheet
292Kb / 9P
Precision Low Voltage Micropower Operational Amplifier
2006
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com