Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP290 Datasheet (PDF) - Analog Devices

OP290 Datasheet PDF - Analog Devices
Part # OP290
Download  OP290 Download
File Size   165.19 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Precision, Low Power, Micropower Dual Operational Amplifier

OP290 Datasheet (PDF)

Go To PDF Page Download Datasheet
OP290 Datasheet PDF - Analog Devices

Part # OP290
Download  OP290 Click to download

File Size   165.19 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Precision, Low Power, Micropower Dual Operational Amplifier

OP290 Datasheet (HTML) - Analog Devices


OP290 Product details

GENERAL DESCRIPTION
The OP290 is a high performance micropower dual op amp that operates from a single supply of 1.6 V to 36 V or from dual supplies of ±0.8 V to ±18 V. Input voltage range includes the negative rail allowing the OP290 to accommodate input signals down to ground in single-supply operation. The OP290’s output swing also includes ground when operating from a single supply, enabling “zero-in, zero-out” operation.

FEATURES
    Single-/Dual-Supply Operation, 1.6 V to 36 V, ±0.8 V to ±18 V
    True Single-Supply Operation; Input and Output Voltage
    Ranges Include Ground
    Low Supply Current (Per Amplifier), 20 μA Max
    High Output Drive, 5 mA Min
    Low Input Offset Voltage, 200 μV Max
    High Open-Loop Gain, 700 V/mV Min
    Outstanding PSRR, 5.6 μV/V Max
    Industry Standard 8-Lead Dual Pinout
    Available in Die Form




Similar Part No. - OP290

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OP290 OPTEK-OP290 Datasheet
343Kb / 8P
Plastic Infrared Emitting Diode
logo
Analog Devices
OP290 AD-OP290 Datasheet
189Kb / 12P
Precision, Low Power, Micropower Dual Operational Amplifier
REV. B
logo
TT Electronics.
OP290 TTELEC-OP290 Datasheet
1Mb / 9P
Plastic Infrared Emitting Diode
logo
Analog Devices
OP290 AD-OP290 Datasheet
284Kb / 12P
Precision, Low Power, Micropower Dual Operational Amplifier
Rev. C
logo
OPTEK Technologies
OP290A OPTEK-OP290A Datasheet
343Kb / 8P
Plastic Infrared Emitting Diode
More results


Similar Description - OP290

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6062 NSC-LMC6062 Datasheet
321Kb / 12P
Precision CMOS Dual Micropower Operational Amplifier
logo
Analog Devices
OP-290 AD-OP-290 Datasheet
360Kb / 10P
PRECISION, LOW POWER, MICROPOWER DUAL OPERATIONAL AMPLIFIER
OP-90 AD-OP-90 Datasheet
426Kb / 12P
PRECISION, LOW VOLTAGE MICROPOWER OPERATIONAL AMPLIFIER
OP90 AD-OP90 Datasheet
653Kb / 12P
Precision Low-Voltage Micropower Operational Amplifier
9/01-Data Sheet changed from REV. 0 to REV. A.
logo
Maxim Integrated Produc...
OP90 MAXIM-OP90 Datasheet
234Kb / 8P
Precision Low Voltage Micropower Operational Amplifier
19-2478 10/89
logo
Analog Devices
OP290 AD-OP290_03 Datasheet
189Kb / 12P
Precision, Low Power, Micropower Dual Operational Amplifier
REV. B
OP90GPZ AD-OP90GPZ Datasheet
1Mb / 13P
Precision Low-Voltage Micropower Operational Amplifier
REV. C
OP290 AD-OP290_15 Datasheet
284Kb / 12P
Precision, Low Power, Micropower Dual Operational Amplifier
REV. C
logo
Advanced Linear Devices
ALD2731A ALD-ALD2731A Datasheet
92Kb / 9P
PRECISION DUAL MICROPOWER CMOS OPERATIONAL AMPLIFIER
logo
Maxim Integrated Produc...
OP90 MAXIM-OP90_V01 Datasheet
292Kb / 9P
Precision Low Voltage Micropower Operational Amplifier
2006
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com