Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP290 Datasheet(PDF) 3 Page - Analog Devices

Part # OP290
Description  Precision, Low Power, Micropower Dual Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP290 Datasheet(HTML) 3 Page - Analog Devices

  OP290 Datasheet HTML 1Page - Analog Devices OP290 Datasheet HTML 2Page - Analog Devices OP290 Datasheet HTML 3Page - Analog Devices OP290 Datasheet HTML 4Page - Analog Devices OP290 Datasheet HTML 5Page - Analog Devices OP290 Datasheet HTML 6Page - Analog Devices OP290 Datasheet HTML 7Page - Analog Devices OP290 Datasheet HTML 8Page - Analog Devices OP290 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
REV. A
–3–
OP290
ELECTRICAL CHARACTERISTICS (@ V
S =
1.5 V to
15 V, –55 C
≤ TA ≤ 125 C, unless otherwise noted.)
OP290A
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT OFFSET VOLTAGE
VOS
80
500
µV
AVERAGE INPUT OFFSET
VOLTAGE DRIFT
TCVOS
VS = 15 V
0 3
3
µV/°C
INPUT OFFSET CURRENT
IOS
VCM = 0 V
0.1
5
nA
INPUT BIAS CURRENT
IB
VCM = 0 V
4.2
20
nA
LARGE-SIGNAL
VS = 15 V, VO =
±10 V
VOLTAGE GAIN
RL = 100 k
Ω
225
400
RL = 10 k
Ω
125
240
AVO
RL = 2 k
Ω
50
110
V+ = 5 V, V– = 0 V,
V/mV
1 V < VO < 4 V
RL = 100 k
Ω
100
200
RL = 10 k
Ω
50
110
INPUT VOLTAGE RANGE*
IVR
V+ = 5 V, V– = 0 V
0/3.5
V
VS =
±15 V*
–15/13.5
OUTPUT VOLTAGE SWING
VO
VS =
±15 V
RL = 10 k
Ω±13
±14.1
V
RL = 2 k
Ω±10
±11
VOH
V+ = 5 V, V– = 0 V
RL = 2 k
Ω
V
VOL
V+ = 5 V, V– = 0 V
10
100
µV
RL = 10 k
Ω
COMMON-MODE REJECTION
CMR
V+ = 5 V, V– = 0 V, 0 V < VCM < 13.5 V
80
105
dB
VS =
±15 V, –15 V < VCM < 13.5 V
90
115
POWER SUPPLY
PSRR
3.2
10
µV/V
REJECTION RATIO
SUPPLY CURRENT
VS =
±1.5 V
30
50
µA
(All Amplifiers)
IsY
VS =
±15 V
38
60
NOTES
*
Guaranteed by CMR test.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com