Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP290 Datasheet(PDF) 2 Page - Analog Devices

Part # OP290
Description  Precision, Low Power, Micropower Dual Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP290 Datasheet(HTML) 2 Page - Analog Devices

  OP290 Datasheet HTML 1Page - Analog Devices OP290 Datasheet HTML 2Page - Analog Devices OP290 Datasheet HTML 3Page - Analog Devices OP290 Datasheet HTML 4Page - Analog Devices OP290 Datasheet HTML 5Page - Analog Devices OP290 Datasheet HTML 6Page - Analog Devices OP290 Datasheet HTML 7Page - Analog Devices OP290 Datasheet HTML 8Page - Analog Devices OP290 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
REV. A
–2–
OP290–SPECIFICATIONS
(@ VS =
1.5 V to
15 V, TA = 25 C, unless otherwise noted.)
ELECTRICAL CHARACTERISTICS
OP290E
OP290F
OP290G
Parameter
Symbol
Conditions
Min
Typ Max Min
Typ
Max Min
Typ
Max Unit
INPUT OFFSET VOLTAGE
VOS
50
200
75
300
125
500
µV
INPUT OFFSET CURRENT
IOS
VCM = 0 V
0.1
3
0.1
5
0.1
5
nA
INPUT BIAS CURRENT
IB
VCM = 0 V
4.0
15
4.0
20
4.0
25
nA
LARGE-SIGNAL
AVO
VS =
±15 V, VO = ±10 V
VOLTAGE GAIN
RL = 100 k
Ω
700
1200
500
1000
400
600
RL = 10 k
Ω
350
600
250
500
200
400
RL = 2 k
Ω
125
250
100
200
100
200
V/mV
V+ = 5V, V– = 0 V,
1 V < VO < 4 V
RL = 100 k
Ω
200
400
125
300
100
250
RL = 10 k
Ω
100
180
75
140
70
140
INPUT VOLTAGE RANGE1
IVR
V+ = 5 V, V– = 0 V
0/4
0/4
0/4
V
VS =
±5 V1
–15/13.5
–15/13.5
–15/13.5
OUTPUT VOLTAGE SWING
VO
VS =
±5 V
RL = 10 k
Ω±13.5±14.2
±13.5±14.2
±13.5 ±14.2 V
RL = 2 k
Ω±10.5±11.5
±10.5±11.5
±10.5 ±11.5
VOH
V+ = 5 V, V– = 0 V
40
4.2
4.0
4.2
4.0
4.2
V
V+ = 5 V, V– = 0 V
VOL
RL = 10kn
10
50
10
50
10
50
µV
COMMON-MODE
CMR
V+ = 5 V, V– = 0 V
ttS
80
100
80
100
dB
REJECTION
0 V < VCM < 4 V
VS =
±15 V,
100
120
90
120
90
120
–15 V < VCM < 13.5 V
POWER SUPPLY
PSRR
10
5.6
10
5.6
3.2
10
µV/V
REJECTION RATIO
SUPPLY CURRENT
ISY
VS =
±1.5 V
19
30
19
30
19
30
µA
(All Amplifiers)
VS =
±15 V
25
40
25
40
25
40
CAPACITIVE LOAD
AV = +1
650
650
650
PF
STABILITY
No Oscillations
INPUT NOISE VOLTAGE
1
enp-p
fO = 0.1 Hz to 10 Hz
3
3
3
µVp-p
VS =
±15 V
INPUT RESISTANCE
DIFFERENTIAL-MODERIN
VS =
±15 V
30
30
30
M
Ω
INPUT RESISTANCE
RINCM
VS =
±15 V
20
20
20
G
Ω
COMMON-MODE
SLEW RATE
SR
AV = +1
5
12
5
12
5
12
V/ms
VS =
±15 V
GAIN BANDWIDTH
GBWP
Vs = +15 V
20
20
20
kHz
PRODUCT
VS =
±15 V
CHANNEL
SEPARATION
2
CS
fO = 10 Hz
120
150
120
150
120
150
dB
VO = 20 Vp-p
VS =
±15 V2
NOTES
1Guaranteed by CMR test.
2Guaranteed but not 100% tested.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com