Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5040 Datasheet (PDF) - Analog Devices

AD5040 Datasheet PDF - Analog Devices
Part # AD5040
Download  AD5040 Download
File Size   617.53 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Fully Accurate, 16-Bit, Unbuffered VOUT, Quad SPI Interface, 2.7 V to 5.5 V nanoDAC in a TSSOP

AD5040 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD5040 Datasheet PDF - Analog Devices

Part # AD5040
Download  AD5040 Click to download

File Size   617.53 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Fully Accurate, 16-Bit, Unbuffered VOUT, Quad SPI Interface, 2.7 V to 5.5 V nanoDAC in a TSSOP

AD5040 Datasheet (HTML) - Analog Devices


AD5040 Product details

GENERAL DESCRIPTION
The AD5066 is a low power, 16-bit quad-channel, unbuffered voltage output nanoDAC® offering relative accuracy specifications of ±1 LSB INL with individual reference pins and can operate from a single 2.7 V to 5.5 V supply. The AD5066 also offers a differential accuracy specification of ±1 LSB DNL. Reference buffers are also provided on-chip. The part uses a versatile 3-wire, low power Schmitt trigger serial interface that operates at clock rates up to 50 MHz and is compatible with standard SPI®, QSPI™, MICROWIRE™, and most DSP interface standards.

FEATURES
    Low power quad 16-bit nanoDAC, ±1 LSB INL
    Low total unadjusted error of ±0.1 mV typically
    Low zero code error of 0.05 mV typically
    Individually buffered reference pins
    2.7 V to 5.5 V power supply
    Specified over full code range of 0 to 65535
    Power-on reset to zero scale or midscale
    Per channel power-down with 3 power-down functions
    Hardware LDAC with software LDAC override function
    CLR function to programmable code
    Small 16-lead TSSOP

APPLICATIONS
    Process control
    Data acquisition systems
    Portable battery-powered instruments
    Digital gain and offset adjustment
    Programmable voltage and current sources




Similar Part No. - AD5040

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5040 AD-AD5040 Datasheet
829Kb / 17P
Full Accurate 14/16 Bit Vout nanoDac Buffered, 3V/5V, Sot 23
AD5040 AD-AD5040 Datasheet
825Kb / 17P
Full Accurate 16 Bit Vout nanoDac, 2.7V- 5.5V, in a Sot 23
AD5040 AD-AD5040 Datasheet
461Kb / 24P
Fully Accurate 14-/16-Bit VOUT nanoDAC??SPI Interface 2.7 V to 5.5 V, in an SOT-23
REV. A
AD5040 AD-AD5040 Datasheet
436Kb / 24P
2.7 V to 5.5 V, Serial-Input, Voltage-Output, 12-/16-Bit DAC
REV. A
AD5040 AD-AD5040 Datasheet
2Mb / 28P
Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad, SPI Interface, 4.5 V to 5.5 V in TSSOP
Rev. F
More results


Similar Description - AD5040

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5066 AD-AD5066 Datasheet
445Kb / 20P
Fully Accurate 16-Bit UnBuffered VOUT DAC SPI Interface 2.7 V to 5.5 V in a TSSOP
Rev. PrB
AD5024 AD-AD5024 Datasheet
1Mb / 28P
Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad, SPI Interface, 4.5 V to 5.5 V in TSSOP
REV. 0
AD5063 AD-AD5063_09 Datasheet
350Kb / 20P
Fully Accurate 16-Bit VOUT nanoDAC SPI Interface 2.7 V to 5.5 V in an MSOP
REV. C
AD5064BRUZ-1 AD-AD5064BRUZ-1 Datasheet
2Mb / 28P
Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad, SPI Interface, 4.5 V to 5.5 V in TSSOP
Rev. F
AD5024 AD-AD5024_15 Datasheet
2Mb / 28P
Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad, SPI Interface, 4.5 V to 5.5 V in TSSOP
Rev. F
AD5025 AD-AD5025_15 Datasheet
1Mb / 28P
Fully Accurate, 12-/14-/16-Bit, Dual, VOUT nanoDAC SPI Interface, 4.5 V to 5.5 V in a TSSOP
REV. 0
AD5044 AD-AD5044_15 Datasheet
2Mb / 28P
Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad, SPI Interface, 4.5 V to 5.5 V in TSSOP
Rev. F
AD5063 AD-AD5063_15 Datasheet
350Kb / 20P
Fully Accurate 16-Bit VOUT nanoDAC SPI Interface 2.7 V to 5.5 V in an MSOP
REV. C
AD5064 AD-AD5064_15 Datasheet
2Mb / 28P
Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad, SPI Interface, 4.5 V to 5.5 V in TSSOP
Rev. F
AD5066 AD-AD5066_15 Datasheet
617Kb / 24P
Fully Accurate, 16-Bit, Unbuffered VOUT, Quad SPI Interface, 2.7 V to 5.5 V nanoDAC in a TSSOP
REV. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com