Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5040 Datasheet(PDF) 2 Page - Analog Devices

Part # AD5040
Description  Fully Accurate, 16-Bit, Unbuffered VOUT, Quad SPI Interface, 2.7 V to 5.5 V nanoDAC in a TSSOP
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5040 Datasheet(HTML) 2 Page - Analog Devices

  AD5040 Datasheet HTML 1Page - Analog Devices AD5040 Datasheet HTML 2Page - Analog Devices AD5040 Datasheet HTML 3Page - Analog Devices AD5040 Datasheet HTML 4Page - Analog Devices AD5040 Datasheet HTML 5Page - Analog Devices AD5040 Datasheet HTML 6Page - Analog Devices AD5040 Datasheet HTML 7Page - Analog Devices AD5040 Datasheet HTML 8Page - Analog Devices AD5040 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
AD5066
Rev. A | Page 2 of 24
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
General Description ......................................................................... 1
Product Highlights ........................................................................... 1
Functional Block Diagram .............................................................. 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
AC Characteristics........................................................................ 4
Timing Characteristics ................................................................ 5
Absolute Maximum Ratings............................................................ 6
ESD Caution.................................................................................. 6
Pin Configuration and Function Descriptions............................. 7
Typical Performance Characteristics ............................................. 8
Terminology .................................................................................... 14
Theory of Operation ...................................................................... 15
Digital-to-Analog Converter .................................................... 15
DAC Architecture....................................................................... 15
Reference Buffer ......................................................................... 15
Serial Interface ............................................................................ 15
Input Shift Register .................................................................... 15
Power-On Reset.......................................................................... 17
Clear Code Register ................................................................... 18
LDAC Function........................................................................... 18
Power Supply Bypassing and Grounding................................ 19
Microprocessor Interfacing....................................................... 19
Applications Information .............................................................. 21
Using a Reference as a Power Supply....................................... 21
Bipolar Operation....................................................................... 21
Using the AD5066 with a Galvanically Isolated Interface .... 21
Outline Dimensions....................................................................... 22
Ordering Guide .......................................................................... 22
REVISION HISTORY
8/10—Rev. 0 to Rev. A
Change to Minimum SYNC
7/09—Revision 0: Initial Version
High Time, Single
Channel Update Parameter, Table 4............................................... 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com