Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5040 Datasheet(PDF) 13 Page - Analog Devices

Part # AD5040
Description  Fully Accurate, 16-Bit, Unbuffered VOUT, Quad SPI Interface, 2.7 V to 5.5 V nanoDAC in a TSSOP
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5040 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD5040 Datasheet HTML 9Page - Analog Devices AD5040 Datasheet HTML 10Page - Analog Devices AD5040 Datasheet HTML 11Page - Analog Devices AD5040 Datasheet HTML 12Page - Analog Devices AD5040 Datasheet HTML 13Page - Analog Devices AD5040 Datasheet HTML 14Page - Analog Devices AD5040 Datasheet HTML 15Page - Analog Devices AD5040 Datasheet HTML 16Page - Analog Devices AD5040 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
AD5066
Rev. A | Page 13 of 24
0
–20
–50
–80
–100
5
10
30
40
55
FREQUENCY (kHz)
–90
–70
–60
–10
–30
–40
20
50
VDD = 5V,
TA = 25ºC
DAC LOADED WITH MIDSCALE
VREF = 3.0V ± 200mV p-p
Figure 34. Total Harmonic Distortion
CH1 5.00V
CH2 2.00V
M2.00ms
A CH1
1.80V
T 10.20%
CLR
VOUT
Figure 35. Hardware CLR
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
1.5
1.6
1.7
1.8
1.9
2
2.1
2.2
2.3
2.4
TIME (µs)
3/4 TO 1/4
1/4 TO 3/4
VDD = 4.5V
VREF = 4.096V
TA = 25°C
Figure 36. Slew Rate
CH1 50.0mV
CH2 5.00V
M4.00µs
A CH2
1.80V
T 9.800%
LAST SCLK
VOUT
CH1 PEAK TO PEAK
155mV
VDD = 5V
VREF = 4.096V
TA = 25°C
Figure 37. Glitch Upon Entering Power Down
CH1 50.0mV
CH2 5.00V
M4.00µs
A CH2
1.80V
T 9.800%
LAST SCLK
VOUT
CH1 PEAK TO PEAK
159mV
VDD = 5V
VREF = 4.096V
TA = 25°C
Figure 38. Glitch Upon Exiting Power Down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com