Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7823 Datasheet (PDF) - Analog Devices

AD7823 Datasheet PDF - Analog Devices
Part # AD7823
Download  AD7823 Download
File Size   146.24 Kbytes
Page   11 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2.7 V to 5.5 V, 5s, 8-Bit ADC in 8-Lead microSOIC/DIP

AD7823 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7823 Datasheet PDF - Analog Devices

Part # AD7823
Download  AD7823 Click to download

File Size   146.24 Kbytes
Page   11 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2.7 V to 5.5 V, 5s, 8-Bit ADC in 8-Lead microSOIC/DIP

AD7823 Datasheet (HTML) - Analog Devices


AD7823 Product details

GENERAL DESCRIPTION
The AD7823 is a high speed, low power, 8-bit A/D converter that operates from a single 2.7 V to 5.5 V supply. The part contains a 4 µs typ successive approximation A/D converter, inherent track-and-hold functionality (with a pseudo differential input) and a high speed serial interface that interfaces to most microcontrollers. The AD7823 is fully specified over a temperature range of –40°C to +125°C.

FEATURES
   8-Bit ADC with 4 μs Conversion Time
   Small Footprint 8-Lead microSOIC Package
   Specified Over a –40°C to +125°C Temperature Range
   Inherent Track-and-Hold Functionality
   Operating Supply Range: 2.7 V to 5.5 V
   Specifications at 2.7 V to 5.5 V and 5 V ± 10%
   Microcontroller Compatible Serial Interface
   Optional Automatic Power-Down
   Low Power Operation:
      570 μW at 10 kSPS Throughput Rate
      2.9 mW at 50 kSPS Throughput Rate
   Analog Input Range: 0 V to VREF
   Reference Input Range: 0 V to VDD
   “Drop In” Upgrade to 10 Bits Available (AD7810)

APPLICATIONS
   Low Power, Hand-Held Portable Applications
      Requiring Analog-to-Digital Conversion
      with 8-Bit Accuracy, e.g.,
         Battery-Powered Test Equipment
         Battery-Powered Communications Systems




Similar Part No. - AD7823

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7823 AD-AD7823 Datasheet
155Kb / 11P
2.7 V to 5.5 V, 4.5 us, 8-Bit ADC in 8-Lead microSOIC/DIP
REV.B
AD7823 AD-AD7823 Datasheet
187Kb / 12P
ADC in 8-Lead microSOIC/DIP
23-Feb-2017
AD7823YN AD-AD7823YN Datasheet
155Kb / 11P
2.7 V to 5.5 V, 4.5 us, 8-Bit ADC in 8-Lead microSOIC/DIP
REV.B
AD7823YN AD-AD7823YN Datasheet
187Kb / 12P
ADC in 8-Lead microSOIC/DIP
23-Feb-2017
AD7823YR AD-AD7823YR Datasheet
155Kb / 11P
2.7 V to 5.5 V, 4.5 us, 8-Bit ADC in 8-Lead microSOIC/DIP
REV.B
More results


Similar Description - AD7823

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7810 AD-AD7810 Datasheet
142Kb / 11P
2.7 V to 5.5 V, 2 us, 10-Bit ADC in 8-Lead microSOIC/DIP
REV.A
AD7823 AD-AD7823 Datasheet
155Kb / 11P
2.7 V to 5.5 V, 4.5 us, 8-Bit ADC in 8-Lead microSOIC/DIP
REV.B
AD7896 AD-AD7896 Datasheet
367Kb / 12P
2.7 V to 5.5 V, 12-Bit, 8 us ADC in 8-Pin SO/DIP
REV.B
AD7896ANZ AD-AD7896ANZ Datasheet
1Mb / 15P
2.7 V to 5.5 V, 12-Bit, 8 s ADC in 8-Lead SOIC/PDIP
REV. D
AD7896JRZ AD-AD7896JRZ Datasheet
1Mb / 15P
2.7 V to 5.5 V, 12-Bit, 8 s ADC in 8-Lead SOIC/PDIP
REV. D
AD7810YRZ-REEL7 AD-AD7810YRZ-REEL7 Datasheet
144Kb / 11P
2.7 V to 5.5 V, 2.3 s, 10-Bit ADC in 8-Lead microSOIC/DIP
REV. B
AD7810 AD-AD7810_15 Datasheet
160Kb / 11P
2.7 V to 5.5 V, 2.3s, 10-Bit ADC in 8-Lead microSOIC/DIP
REV. B
AD7823 AD-AD7823_15 Datasheet
156Kb / 11P
2.7 V to 5.5 V, 5s, 8-Bit ADC in 8-Lead microSOIC/DIP
REV. C
AD7823 AD-AD7823_17 Datasheet
187Kb / 12P
ADC in 8-Lead microSOIC/DIP
23-Feb-2017
AD7810 AD-AD7810_17 Datasheet
186Kb / 12P
ADC in 8-Lead microSOIC/DIP
23-Feb-2017
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com