Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8205 Datasheet (PDF) - Analog Devices

AD8205 Datasheet PDF - Analog Devices
Part # AD8205
Download  AD8205 Download
File Size   457.78 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Single-Supply 42 V System Difference Amplifier

AD8205 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8205 Datasheet PDF - Analog Devices

Part # AD8205
Download  AD8205 Click to download

File Size   457.78 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Single-Supply 42 V System Difference Amplifier

AD8205 Datasheet (HTML) - Analog Devices


AD8205 Product details

GENERAL DESCRIPTION

The AD8205 is a single-supply difference amplifier for amplifying small differential voltages in the presence of large common-mode voltages. The operating input common-mode voltage range extends from −2 V to +65 V. The typical single supply voltage is 5 V.



FEATURES

Ideal for current shunt applications

High common-mode voltage range

  −2 V to +65 V operating

  −25 V to +75 V survival

Gain = 50 V/V

Wide operating temperature range:

  −40°C to +125°C for Y and W grade

  −40°C to +150°C for H grade

Bidirectional operation

Available in 8-lead SOIC

Qualified for automotive applications



APPLICATIONS

High-side current sensing in:

  Motor controls

  Transmission controls

  Diesel injection controls

  Engine management

  Suspension controls

  Vehicle dynamic controls

  DC-to-dc converters



 




Similar Part No. - AD8205

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8205 AD-AD8205 Datasheet
308Kb / 12P
Single-Supply 42 V System Difference Amplifier
4/04-Revision 0
AD8205 AD-AD8205 Datasheet
152Kb / 4P
Precision, Dual-Channel Difference Amplifier
AD8205 AD-AD8205 Datasheet
144Kb / 4P
Dual-Channel Audio Difference Amplifier
logo
Aavid, Thermal Division...
AD8205 AAVID-AD8205 Datasheet
375Kb / 16P
Very Low Distortion, Precision Difference Amplifier
Rev. C
AD8205 AAVID-AD8205 Datasheet
398Kb / 16P
G = 0.2, Level Translation, 16-Bit ADC Driver
Rev. A
More results


Similar Description - AD8205

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6552 LINER-LT6552 Datasheet
350Kb / 16P
3.3V Single Supply Video Difference Amplifier
logo
Burr-Brown (TI)
INA152 BURR-BROWN-INA152 Datasheet
243Kb / 15P
Single-Supply DIFFERENCE AMPLIFIER
logo
Analog Devices
AD8205 AD-AD8205 Datasheet
308Kb / 12P
Single-Supply 42 V System Difference Amplifier
4/04-Revision 0
AD8206 AD-AD8206 Datasheet
262Kb / 12P
Single-Supply 42 V System Difference Amplifier
6/04-Revision 0
AD8206 AD-AD8206_05 Datasheet
344Kb / 12P
Single-Supply, 42 V System Difference Amplifier
REV. 0
logo
Texas Instruments
INA132U TI1-INA132U Datasheet
320Kb / 13P
Low Power, Single-Supply DIFFERENCE AMPLIFIER
logo
Analog Devices
AD8205YRZ AD-AD8205YRZ Datasheet
457Kb / 12P
Single-Supply 42 V System Difference Amplifier
REV. D
logo
Texas Instruments
INA132U2K5E4 TI1-INA132U2K5E4 Datasheet
339Kb / 13P
Low Power, Single-Supply DIFFERENCE AMPLIFIER
logo
Linear Technology
LT6552 LINER-LT6552_15 Datasheet
360Kb / 16P
3.3V Single Supply Video Difference Amplifier
logo
Texas Instruments
INA152 TI1-INA152 Datasheet
792Kb / 18P
Single-Supply DIFFERENCE AMPLIFIER
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com