Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8205 Datasheet(PDF) 2 Page - Analog Devices

Part # AD8205
Description  Single-Supply 42 V System Difference Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8205 Datasheet(HTML) 2 Page - Analog Devices

  AD8205 Datasheet HTML 1Page - Analog Devices AD8205 Datasheet HTML 2Page - Analog Devices AD8205 Datasheet HTML 3Page - Analog Devices AD8205 Datasheet HTML 4Page - Analog Devices AD8205 Datasheet HTML 5Page - Analog Devices AD8205 Datasheet HTML 6Page - Analog Devices AD8205 Datasheet HTML 7Page - Analog Devices AD8205 Datasheet HTML 8Page - Analog Devices AD8205 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
AD8205
Data Sheet
Rev. D | Page 2 of 12
TABLE OF CONTENTS
Features .............................................................................................. 1
Excellent AC and DC Performance................................................ 1
Applications....................................................................................... 1
Functional Block Diagram .............................................................. 1
General Description ......................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Absolute Maximum Ratings............................................................ 4
ESD Caution.................................................................................. 4
Pin Configuration and Function Descriptions............................. 5
Typical Performance Characteristics ............................................. 6
Theory of Operation ........................................................................ 8
Output Offset Adjustment............................................................... 9
Unidirectional Operation.............................................................9
Ground Referenced Output .........................................................9
V+ Referenced Output .................................................................9
Bidirectional Operation................................................................9
External Reference Output........................................................ 10
Splitting the Supply .................................................................... 10
Splitting an External Reference ................................................ 10
Applications Information .............................................................. 11
High-Side Current Sense with a Low-Side Switch................. 11
High-Side Current Sense with a High-Side Switch ............... 11
Outline Dimensions ....................................................................... 12
Ordering Guide .......................................................................... 12
Automotive Products ................................................................. 12
REVISION HISTORY
4/12—Rev. C to Rev. D
Added H Grade Temperature Range to Table 2 ........................... 4
3/12—Rev. B to Rev. C
Added H Grade Models (Throughout) ......................................... 1
Added Unit of V/V to Gain in Features Section........................... 1
Added Radiometric Accuracy Maximum Parameter of 0.503 V/V,
Operating Range Maximum Parameter of 5.5 V, and H Grade
Specifications (Table 1) .................................................................... 3
Changes to Theory of Operation Section...................................... 8
Changes to Ordering Guide .......................................................... 12
7/10—Rev. A to Rev. B
Changes to Features Section and General Description Section . 1
Delete Die Columns, Table 1........................................................... 3
Changes to Table 2............................................................................ 4
Changes to Figure 4 and Figure 6................................................... 6
Changes to Theory of Operation Section...................................... 8
Changes to Ordering Guide .......................................................... 12
Added Automotive Products Section .......................................... 12
10/09—Rev. 0 to Rev. A
Changes to Output Resistance Parameter, Table 1....................... 3
Updated Outline Dimensions ....................................................... 12
Changes to Ordering Guide .......................................................... 12
4/04—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com