Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD629 Datasheet (PDF) - Analog Devices

AD629 Datasheet PDF - Analog Devices
Part # AD629
Download  AD629 Download
File Size   513.29 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Power, Wide Supply Range, Low Cost Difference Amplifiers,

AD629 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD629 Datasheet PDF - Analog Devices

Part # AD629
Download  AD629 Click to download

File Size   513.29 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Power, Wide Supply Range, Low Cost Difference Amplifiers,

AD629 Datasheet (HTML) - Analog Devices


AD629 Product details

GENERAL DESCRIPTION
The AD8278 and AD8279 are general-purpose difference amplifiers intended for precision signal conditioning in power critical applications that require both high performance and low power. The AD8278 and AD8279 provide exceptional commonmode rejection ratio (80 dB) and high bandwidth while amplifying input signals that are well beyond the supply rails. The on-chip resistors are laser trimmed for excellent gain accuracy and high CMRR. They also have extremely low gain drift vs. temperature.

FEATURES
   Wide input range beyond supplies
   Rugged input overvoltage protection
   Low supply current: 200 μA maximum (per amplifier)
   Low power dissipation: 0.5 mW at VS = 2.5 V
   Bandwidth: 1 MHz (G = ½)
   CMRR: 80 dB minimum, dc to 20 kHz (G = ½, B Grade)
   Low offset voltage drift: ±1 μV/°C maximum (B Grade)
   Low gain drift: 1 ppm/°C maximum (B Grade)
   Enhanced slew rate: 1.4 V/μs
   Wide power supply range
      Single supply: 2 V to 36 V
      Dual supplies: ±2 V to ±18 V
   8-lead SOIC, 14-lead SOIC, and 8-lead MSOP packages

APPLICATIONS
   Voltage measurement and monitoring
   Current measurement and monitoring
   Instrumentation amplifier building block
   Portable, battery-powered equipment
   Test and measurement




Similar Part No. - AD629

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD629 AD-AD629 Datasheet
302Kb / 12P
High Common-Mode Voltage Difference Amplifier
REV.A
AD629 AD-AD629 Datasheet
595Kb / 24P
Precision, Dual-Channel Instrumentation Amplifier
7/06-Revision 0
AD629 AD-AD629 Datasheet
540Kb / 16P
High Common-Mode Voltage, Difference Amplifier
3/07-Rev. A to Rev. B
AD629 AD-AD629 Datasheet
217Kb / 10P
10 MHz, 20 V/關s, G = 1, 10, 100, 1000 i CMOS짰 Programmable Gain Instrumentation Amplifier
4/07-Revision 0
AD629 AD-AD629 Datasheet
152Kb / 4P
Precision, Dual-Channel Difference Amplifier
More results


Similar Description - AD629

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD817 AD-AD817 Datasheet
322Kb / 12P
High Speed, Low Power Wide Supply Range Amplifier
REV.B
logo
Burr-Brown (TI)
INA132 BURR-BROWN-INA132 Datasheet
180Kb / 9P
Low Power, Single-Supply DIFFERENCE AMPLIFIER
logo
Analog Devices
AD8276 AD-AD8276 Datasheet
542Kb / 20P
Low Power, Wide Supply Range, Low Cost Unity-Gain Difference Amplifiers
REV. A
AD8278 AD-AD8278 Datasheet
606Kb / 24P
Low Power, Wide Supply Range, Low Cost Difference Amplifier, G = 쩍, 2
REV. 0
AD8279 AD-AD8279 Datasheet
671Kb / 18P
Low Power, Wide Supply Range, Low Cost Difference Amplifiers, G = 쩍, 2
Rev. PrA
AD817ARZ AD-AD817ARZ Datasheet
226Kb / 12P
High Speed, Low Power Wide Supply Range Amplifier
REV. B
logo
Texas Instruments
INA132U TI1-INA132U Datasheet
320Kb / 13P
Low Power, Single-Supply DIFFERENCE AMPLIFIER
INA132U2K5E4 TI1-INA132U2K5E4 Datasheet
339Kb / 13P
Low Power, Single-Supply DIFFERENCE AMPLIFIER
LMV841 TI1-LMV841_16 Datasheet
1Mb / 38P
LMV84x CMOS Input, RRIO, Low Power, Wide Supply Range, 4.5-MHz Operational Amplifiers
INA132 TI1-INA132 Datasheet
339Kb / 13P
Low Power, Single-Supply DIFFERENCE AMPLIFIER
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com