Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APL5320-12QF Datasheet (PDF) - Anpec Electronics Coropration

APL5320-12QF Datasheet PDF - Anpec Electronics Coropration
Part # APL5320-12QF
Download  APL5320-12QF Download
File Size   424.6 Kbytes
Page   25 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator

APL5320-12QF Datasheet (PDF)

Go To PDF Page Download Datasheet
APL5320-12QF Datasheet PDF - Anpec Electronics Coropration

Part # APL5320-12QF
Download  APL5320-12QF Click to download

File Size   424.6 Kbytes
Page   25 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator

APL5320-12QF Datasheet (HTML) - Anpec Electronics Coropration


APL5320-12QF Product details

General Description

The APL5320 is a P-channel low dropout linear regulator which needs only one input voltage from 2.5 to 6V, and delivers current up to 300mA to set output voltage. It also can work with low ESR ceramic capacitors and is ideal for using in the battery-powered applications such as note book computers and cellular phones. Typical dropout voltage is only 290mV at 300mA loading.

The APL5320 provides several versions of fixed output voltages ranging from 1.2 to 3.7V with step 100mV and 2.85V, 4.75V. Current-limit with current foldback and thermal shutdown functions protects the device against current over-loads and over-temperature. The APL5320 is available in SOT-23-5, TSOT-23-5, SOT-23-3, SC-70-5, VTDFN1.2x1.6-4, and TDFN 1.6x1.6-6 packages.



Features

· Wide Operating Voltage: 2.5~6V

· Low Dropout Voltage: 290mV @ 3V/300mA

· Fixed Output Voltages: 1.2~3.7V with Step 100mV, and 2.85V, 4.75V

· Guaranteed 300mA Output Current

· High PSRR: 70dB

· Current-Limit Protection

· Controlled Short-Circuit Current: 50mA

· Over-Temperature Protection

· Stable with 1mF Capacitor for Any Load

· Excellent Load/Line Transient

· SOT-23-5, TSOT-23-5, SOT-23-3, SC-70-5, VTDFN1.2x1.6-4, and TDFN1.6x1.6-6 Packages

· Lead Free and Green Devices Available (RoHS Compliant)



Applications

· Cellular Phones

· Portable and Battery-Powered Equipments

· Laptops, Palmtops, Notebook Computers

· Wireless LANs

· Portable Information Appliances

· GPSes



 




Similar Part No. - APL5320-12QF

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5320 ANPEC-APL5320 Datasheet
313Kb / 26P
Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL532012AI-TRG ANPEC-APL532012AI-TRG Datasheet
313Kb / 26P
Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL532012BI-TRG ANPEC-APL532012BI-TRG Datasheet
313Kb / 26P
Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL532012BTI-TRG ANPEC-APL532012BTI-TRG Datasheet
313Kb / 26P
Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL532012QBI-TRG ANPEC-APL532012QBI-TRG Datasheet
313Kb / 26P
Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
More results


Similar Description - APL5320-12QF

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5312 ANPEC-APL5312 Datasheet
258Kb / 15P
Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL5312 ANPEC-APL5312_09 Datasheet
237Kb / 15P
Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
logo
Unisonic Technologies
L1127 UTC-L1127 Datasheet
178Kb / 5P
ULTRA-LOW-NOISE, HIGH-SPEED, LOW-DROPOUT, 300mA LINEAR REGULATOR
logo
Monolithic Power System...
MP20041 MPS-MP20041 Datasheet
364Kb / 11P
Dual, Ultra Low Noise, High PSRR 300mA Linear Regulator
MP20044 MPS-MP20044 Datasheet
397Kb / 11P
Dual, Ultra Low Noise, High PSRR 300mA Linear Regulator
logo
Unisonic Technologies
L1127 UTC-L1127_18 Datasheet
192Kb / 7P
ULTRA-LOW-NOISE HIGH-SPEED, LOW-DROPOUT 300mA LINEAR REGULATOR
logo
Anpec Electronics Corop...
APL5320 ANPEC-APL5320_18 Datasheet
313Kb / 26P
Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
logo
Richtek Technology Corp...
RTQ2510-QA RICHTEK-RTQ2510-QA Datasheet
355Kb / 13P
1A, Low Noise, Ultra High PSRR, Low-Dropout Linear Regulator
RT2519W RICHTEK-RT2519W Datasheet
355Kb / 13P
1A, Low Noise, Ultra High PSRR, Low-Dropout Linear Regulator
logo
Unisonic Technologies
L1127 UTC-L1127_V01 Datasheet
249Kb / 7P
ULTRA-LOW-NOISE,HIGH-SPEED, LOW-DROPOUT,300mA LINEAR REGULATOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com