Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APW7325 Datasheet (PDF) - Anpec Electronics Coropration

APW7325 Datasheet PDF - Anpec Electronics Coropration
Part # APW7325
Download  APW7325 Download
File Size   267.72 Kbytes
Page   16 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description 5A 5V 1MHz Synchronous Buck Converter

APW7325 Datasheet (PDF)

Go To PDF Page Download Datasheet
APW7325 Datasheet PDF - Anpec Electronics Coropration

Part # APW7325
Download  APW7325 Click to download

File Size   267.72 Kbytes
Page   16 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description 5A 5V 1MHz Synchronous Buck Converter

APW7325 Datasheet (HTML) - Anpec Electronics Coropration


APW7325 Product details

General Description

APW7325 is a 5A synchronous buck converter with integrated 65mW high side and 55mW low side power MOSFETs. The APW7325, design with a current-mode control scheme, can convert wide input voltage of 2.6V to 6V to the output voltage adjustable from 0.6V to 6V to provide excellent output voltage regulation.

The APW7325 is equipped with an automatic PFM/PWM mode operation. At light load , the IC operates in the PFM mode to reduce the switching losses. At heavy load, the IC works in PWM mode. At PWM mode, the switching frequency is set by the external resistor. The APW7325 is also equipped with Power-on-reset, softstart, soft-stop, and whole protections (under-voltage, over-voltage, over-temperature and current-limit) into a single package.

This device, available SOP-8P, provides a very compact system solution external components and PCB area.



Features

· High Efficiency up to 95%

   - Automatic PFM/PWM Mode Operation

· Adjustable Output Voltage from 0.6V to VPVDD

· Integrated 65mW High Side / 55mW Low Side MOSFETs

· Low Dropout Operation: 100% Duty Cycle

· Stable with Low ESR Ceramic Capacitors

· Power-On-Reset Detection on VDD and PVDD

· Integrated Soft-Start and Soft-Stop

· Over-Temperature Protection

· Over-Voltage Protection

· Under-Voltage Protection

· High/ Low Side Current Limit

· Power Good Indication

· Enable/Shutdown Function

· Small SOP-8P Package

· Lead Free and Green Devices Available (RoHS Compliant)



Applications

· Notebook Computer & UMPC

· LCD Monitor/TV

· Set-Top Box

· DSL, Switch HUBr

· Portable Instrument



 




Similar Part No. - APW7325

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7322 ANPEC-APW7322 Datasheet
368Kb / 22P
2A, 5V, 1MHz Synchronous Buck Converter
APW7322AKI-TRG ANPEC-APW7322AKI-TRG Datasheet
368Kb / 22P
2A, 5V, 1MHz Synchronous Buck Converter
APW7322AQBI-TRG ANPEC-APW7322AQBI-TRG Datasheet
368Kb / 22P
2A, 5V, 1MHz Synchronous Buck Converter
APW7322KI-TRG ANPEC-APW7322KI-TRG Datasheet
368Kb / 22P
2A, 5V, 1MHz Synchronous Buck Converter
APW7322QBI-TRG ANPEC-APW7322QBI-TRG Datasheet
368Kb / 22P
2A, 5V, 1MHz Synchronous Buck Converter
More results


Similar Description - APW7325

ManufacturerPart #DatasheetDescription
logo
Aimtron Technology
AT1366B AIMTRON-AT1366B Datasheet
347Kb / 14P
1MHz,800mA Synchronous Buck Converter
AT1361 AIMTRON-AT1361 Datasheet
204Kb / 15P
1MHz,1A Synchronous Buck Converter
logo
Eutech Microelectronics...
EUP3425 EUTECH-EUP3425 Datasheet
250Kb / 2P
5A, 1MHz Synchronous Step-Down Converter
logo
Anpec Electronics Corop...
APW7322 ANPEC-APW7322 Datasheet
368Kb / 22P
2A, 5V, 1MHz Synchronous Buck Converter
APW7323 ANPEC-APW7323 Datasheet
372Kb / 22P
3.2A, 5V, 1MHz Synchronous Buck Converter
APW8804 ANPEC-APW8804 Datasheet
436Kb / 21P
3A 5V 1MHz Synchronous Buck Converter
APW8805A ANPEC-APW8805A Datasheet
389Kb / 19P
3A 5V 1MHz Synchronous Buck Converter
logo
E-CMOS Corporation
EC9303 E-CMOS-EC9303 Datasheet
230Kb / 8P
38V 5A Synchronous Buck Converter
logo
TECHCODE SEMICONDUCTOR,...
TD1465 TECHCODE-TD1465 Datasheet
489Kb / 9P
40V, 600MA, 1MHz synchronous Buck Converter
logo
First Silicon Co., Ltd
FTD1465 FS-FTD1465 Datasheet
718Kb / 9P
40V 600mA 1MHz synchronous Buck Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com