Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APW7323 Datasheet (PDF) - Anpec Electronics Coropration

APW7323 Datasheet PDF - Anpec Electronics Coropration
Part # APW7323
Download  APW7323 Download
File Size   372.4 Kbytes
Page   22 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description 3.2A, 5V, 1MHz Synchronous Buck Converter

APW7323 Datasheet (PDF)

Go To PDF Page Download Datasheet
APW7323 Datasheet PDF - Anpec Electronics Coropration

Part # APW7323
Download  APW7323 Click to download

File Size   372.4 Kbytes
Page   22 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description 3.2A, 5V, 1MHz Synchronous Buck Converter

APW7323 Datasheet (HTML) - Anpec Electronics Coropration


APW7323 Product details

General  Description

APW7323/A is a synchronous buck converters with integrated 85mW  high side and 75mWlow side power

MOSFET s. The APW7323/A with a current-mode control scheme can convert wide input voltage of 2.9V to 6V to the output voltage adjustable from 0.8V to 6V to provide excellent output voltage regulation.



Features

• High Efficiency up to 94%

• Adjustable Output Voltage from 0.8V to VPVDD

• Operating from 2.9 to 6V Supply

• Integrated 85mWHigh Side / 75mWLow Side MOSFETs

• Low Dropout Operation: 100% Duty Cycle

• Stable with Low ESR Ceramic Capacitors

• Current up to 3.2A

• Power-On-Reset Detection on VCC and VIN

• Model Selection :

  APW7323 : Automatic PFM/PWM

  APW7323A : Forced PWM

• Integrate Soft-Start and Soft-Stop

• Over-Temperature Protection

• Over-Voltage Protection

• Under-Voltage Protection

• High/ Low Side Current Limit

• Power Good Indication

• Enable/Shutdown Function

•   Available in SOP-8P and TDFN3x3-10 Package

• Lead Free and Green Devices Available (RoHS Compliant)



Applications

• Notebook Computer & UMPC

• LCD Monitor/TV

• Set-Top Box

• DSL, Switch HUBr

• Portable Instrument




Similar Part No. - APW7323

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7323AKAI-TRG ANPEC-APW7323AKAI-TRG Datasheet
361Kb / 22P
4A,5V, 500KHz Synchronous Buck Converter
APW7323AQBI-TRG ANPEC-APW7323AQBI-TRG Datasheet
361Kb / 22P
4A,5V, 500KHz Synchronous Buck Converter
APW7323KAI-TRG ANPEC-APW7323KAI-TRG Datasheet
361Kb / 22P
4A,5V, 500KHz Synchronous Buck Converter
APW7323QBI-TRG ANPEC-APW7323QBI-TRG Datasheet
361Kb / 22P
4A,5V, 500KHz Synchronous Buck Converter
More results


Similar Description - APW7323

ManufacturerPart #DatasheetDescription
logo
Aimtron Technology
AT1366B AIMTRON-AT1366B Datasheet
347Kb / 14P
1MHz,800mA Synchronous Buck Converter
AT1361 AIMTRON-AT1361 Datasheet
204Kb / 15P
1MHz,1A Synchronous Buck Converter
logo
Anpec Electronics Corop...
APW7322 ANPEC-APW7322 Datasheet
368Kb / 22P
2A, 5V, 1MHz Synchronous Buck Converter
APW7325 ANPEC-APW7325 Datasheet
267Kb / 16P
5A 5V 1MHz Synchronous Buck Converter
APW8804 ANPEC-APW8804 Datasheet
436Kb / 21P
3A 5V 1MHz Synchronous Buck Converter
APW8805A ANPEC-APW8805A Datasheet
389Kb / 19P
3A 5V 1MHz Synchronous Buck Converter
logo
Global Mixed-mode Techn...
AT1530 GMT-AT1530 Datasheet
92Kb / 1P
1MHz, All-Ceramic, 3.2A PWM Buck DC/DC Converter
logo
TECHCODE SEMICONDUCTOR,...
TD1465 TECHCODE-TD1465 Datasheet
489Kb / 9P
40V, 600MA, 1MHz synchronous Buck Converter
logo
Shenzhen Huazhimei Semi...
HM8115 HMSEMI-HM8115 Datasheet
590Kb / 8P
40V, 600MA, 1MHz synchronous Buck Converter
logo
First Silicon Co., Ltd
FTD1465 FS-FTD1465 Datasheet
718Kb / 9P
40V 600mA 1MHz synchronous Buck Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com