Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT1530 Datasheet (PDF) - Global Mixed-mode Technology Inc

AT1530 Datasheet PDF - Global Mixed-mode Technology Inc
Part # AT1530
Download  AT1530 Download
File Size   92.77 Kbytes
Page   1 Pages
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc
Description 1MHz, All-Ceramic, 3.2A PWM Buck DC/DC Converter

AT1530 Datasheet (PDF)

Go To PDF Page Download Datasheet
AT1530 Datasheet PDF - Global Mixed-mode Technology Inc

Part # AT1530
Download  AT1530 Click to download

File Size   92.77 Kbytes
Page   1 Pages
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc
Description 1MHz, All-Ceramic, 3.2A PWM Buck DC/DC Converter

AT1530 Datasheet (HTML) - Global Mixed-mode Technology Inc




Similar Part No. - AT1530

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT15-0001 MACOM-AT15-0001 Datasheet
109Kb / 2P
Digital Attenuator, 31 dB, 5-Bit, TTL Driver DC - 2.0 GHz
logo
Amphenol Sine Systems C...
AT15-12PA-BM01 ASS-AT15-12PA-BM01 Datasheet
532Kb / 3P
BOARDLOCK PCB MOUNT RECEPTACLE, 12 PIN, STRAIGHT, AT SERIES
19JUN18
AT15-12PA-BM02 ASS-AT15-12PA-BM02 Datasheet
532Kb / 3P
BOARDLOCK PCB MOUNT RECEPTACLE, 12 PIN, STRAIGHT, AT SERIES
19JUN18
AT15-12PA-BM03 ASS-AT15-12PA-BM03 Datasheet
532Kb / 3P
BOARDLOCK PCB MOUNT RECEPTACLE, 12 PIN, STRAIGHT, AT SERIES
19JUN18
AT15-12PA-BM04 ASS-AT15-12PA-BM04 Datasheet
532Kb / 3P
BOARDLOCK PCB MOUNT RECEPTACLE, 12 PIN, STRAIGHT, AT SERIES
19JUN18
More results


Similar Description - AT1530

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1154 ANALOGICTECH-AAT1154 Datasheet
482Kb / 18P
1MHz 3A Buck DC/DC Converter
AAT1157 ANALOGICTECH-AAT1157 Datasheet
394Kb / 14P
1MHz 1.2A Buck DC/DC Converter
logo
ACE Technology Co., LTD...
ACE722A ACE-ACE722A Datasheet
179Kb / 9P
2A PWM BUCK DC-DC Converter
VER 1.2
logo
Anpec Electronics Corop...
APW7323 ANPEC-APW7323 Datasheet
372Kb / 22P
3.2A, 5V, 1MHz Synchronous Buck Converter
logo
SiGe Semiconductor, Inc...
AATIAN28 SIGE-AATIAN28 Datasheet
130Kb / 6P
1MHz 2.5A Buck DC/DC Converter
logo
Global Mixed-mode Techn...
G5692 GMT-G5692 Datasheet
90Kb / 1P
1MHz, All-Ceramic, 2A PWM Buck DC/DC Converter
AT1526 GMT-AT1526 Datasheet
176Kb / 2P
1MHz, All-Ceramic, 2A PWM Buck DC/DC Converter
AT1528 GMT-AT1528 Datasheet
178Kb / 2P
1MHz, All-Ceramic, 2A PWM Buck DC/DC Converter
logo
Diodes Incorporated
AP1501A DIODES-AP1501A_17 Datasheet
367Kb / 13P
5A PWM BUCK DC/DC CONVERTER
Rev 11
logo
Bookly Micro electronic
BM1509HV BOOKLY-BM1509HV Datasheet
656Kb / 6P
PWM BUCK DC/DC CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com