Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP523 Datasheet (PDF) - Toshiba Semiconductor

TLP523 Datasheet PDF - Toshiba Semiconductor
Part # TLP523
Download  TLP523 Download
File Size   218.34 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Programmable Controllers DC?뭀utput Module Solid State Relay

TLP523 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLP523 Datasheet PDF - Toshiba Semiconductor

Part # TLP523
Download  TLP523 Click to download

File Size   218.34 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Programmable Controllers DC?뭀utput Module Solid State Relay

TLP523 Datasheet (HTML) - Toshiba Semiconductor


TLP523 Product details

Programmable Controllers
DC−Output Module
Solid State Relay

The TOSHIBA TLP523, −2 and −4 consists of a gallium arsenide infrared emitting diode coupled with a silicon, darlington connected, phototransistor which has an integral base−emitter resistor to optimize switching speed and elevated temperature characteristics.
The TLP523−2 offers two isolated channels in an eight lead plastic DIP package, while the TLP523−4 provide four isolated channels per package.

• Current transfer ratio: 500% (min.) (IF = 1 mA)
• Isolation voltage: 2500 Vrms (min.)
• Collector−emitter voltage: 55 V (min.)
• Leakage current: 10μA (max.) (Ta = 85°C)
• UL recognized: UL1577, file no. E67349




Similar Part No. - TLP523

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP523 TOSHIBA-TLP523 Datasheet
251Kb / 7P
programmable controllers dc-output module solid state relay
TLP523 TOSHIBA-TLP523 Datasheet
262Kb / 7P
GaAs Ired & Photo−Transistor
TLP523-2 TOSHIBA-TLP523-2 Datasheet
251Kb / 7P
programmable controllers dc-output module solid state relay
TLP523-2 TOSHIBA-TLP523-2 Datasheet
262Kb / 7P
GaAs Ired & Photo−Transistor
logo
List of Unclassifed Man...
TLP523-3 ETC1-TLP523-3 Datasheet
86Kb / 2P
12PIN DIP 3-CHANNELS TYPE
More results


Similar Description - TLP523

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP504A TOSHIBA-TLP504A Datasheet
357Kb / 8P
programmable controllers ac/dc-input module solid state relay
TLP521-1 TOSHIBA-TLP521-1 Datasheet
372Kb / 8P
programmable controllers ac/dc-input module solid state relay
TLP523 TOSHIBA-TLP523 Datasheet
251Kb / 7P
programmable controllers dc-output module solid state relay
TLP531 TOSHIBA-TLP531 Datasheet
816Kb / 9P
Programmable Controllers AC / DC-Input Module Solid State Relay
TLP541G TOSHIBA-TLP541G Datasheet
536Kb / 6P
Programmable Controllers AC.Output Module Solid State Relay
TLP127TPLUF TOSHIBA-TLP127TPLUF Datasheet
164Kb / 8P
Programmable Controllers DC?뭀utput Module Telecommunication
TLP521-1GBF TOSHIBA-TLP521-1GBF Datasheet
193Kb / 9P
Programmable Controllers AC/DC?묲nput Module Solid State Relay
TLP521-1GBFT TOSHIBA-TLP521-1GBFT Datasheet
193Kb / 9P
Programmable Controllers AC/DC?묲nput Module Solid State Relay
logo
Guangdong Youtai Semico...
TLP521GB-S UMW-TLP521GB-S Datasheet
792Kb / 8P
PROGRAMMABLE CONTROLLERS AC/DC-INPUT MODULE SOLID STATE RELAY
TLP521GB UMW-TLP521GB Datasheet
792Kb / 8P
PROGRAMMABLE CONTROLLERS AC/DC-INPUT MODULE SOLID STATE RELAY
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com