Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPCA8A02-H Datasheet (PDF) - Toshiba Semiconductor

TPCA8A02-H Datasheet PDF - Toshiba Semiconductor
Part # TPCA8A02-H
Download  TPCA8A02-H Download
File Size   208.92 Kbytes
Page   8 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description High Efficiency DC-DC Converter Applications Notebook PC Applications

TPCA8A02-H Datasheet (PDF)

Go To PDF Page Download Datasheet
TPCA8A02-H Datasheet PDF - Toshiba Semiconductor

Part # TPCA8A02-H
Download  TPCA8A02-H Click to download

File Size   208.92 Kbytes
Page   8 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description High Efficiency DC-DC Converter Applications Notebook PC Applications

TPCA8A02-H Datasheet (HTML) - Toshiba Semiconductor


TPCA8A02-H Product details

High Efficiency DC-DC Converter Applications
Notebook PC Applications
Portable Equipment Applications

• Built-in a schottky barrier diode
   Low forward voltage: VDSF = −0.6 V (max)
• High-speed switching
• Small gate charge: QSW = 8.6 nC (typ.)
• Low drain-source ON-resistance: RDS (ON) = 3.8 mΩ (typ.)
• High forward transfer admittance: |Yfs| = 90 S (typ.)
• Low leakage current: IDSS = 100 μA (max) (VDS = 30 V)
• Enhancement mode: Vth = 1.3 to 2.3 V (VDS = 10 V, ID = 1 mA)




Similar Part No. - TPCA8A02-H

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCA8A02-H TOSHIBA-TPCA8A02-H Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
logo
VBsemi Electronics Co.,...
TPCA8A02-H VBSEMI-TPCA8A02-H Datasheet
1Mb / 7P
N-Channel 30 V (D-S) MOSFET
More results


Similar Description - TPCA8A02-H

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC8A07-H TOSHIBA-TPC8A07-H Datasheet
283Kb / 12P
HIgh Effciency DC-DC Converter Applications Notebook PC Applications Portable-Equipment Applications
TPCA8003-H TOSHIBA-TPCA8003-H Datasheet
470Kb / 7P
High Efficiency DC/DC Converter Applications Notebook PC Applications Portable Equipment Applications
TK50P03M1 TOSHIBA-TK50P03M1 Datasheet
199Kb / 7P
High-Efficiency DC-DC Converter Applications Desktop PC Applications
TPC8009-H TOSHIBA-TPC8009-H_06 Datasheet
226Kb / 7P
High-Efficiency DC/DC Converter Applications Notebook PC Applications Portable-Equipment Applications
TPC8013-H TOSHIBA-TPC8013-H_06 Datasheet
208Kb / 7P
High-Efficiency DC/DC Converter Applications Notebook PC Applications Portable-Equipment Applications
TPC8017-H TOSHIBA-TPC8017-H_06 Datasheet
543Kb / 7P
High-Effciency DC/DC Converter Applications Notebook PC Applications Portable-Equipment Applications
TPCA8045-H TOSHIBA-TPCA8045-H Datasheet
206Kb / 7P
High-Effciency DC-DC Converter Applications Notebook PC Applications Portable Equipment Applications
TPCP8103-H TOSHIBA-TPCP8103-H_09 Datasheet
253Kb / 7P
High Efficiency DC-DC Converter Applications Notebook PC Applications Portable Equipment Applications CCFL Inverter Applications
TPC8037-H TOSHIBA-TPC8037-H Datasheet
215Kb / 7P
High-Efficiency DC-DC Converter Applications Notebook PC Applications
TPC8A05-H TOSHIBA-TPC8A05-H Datasheet
228Kb / 8P
High Efficiency DC-DC Converter Applications Notebook PC Applications
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com