Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AIC1523 Datasheet (PDF) - Analog Intergrations Corporation

AIC1523 Datasheet PDF - Analog Intergrations Corporation
Part # AIC1523
Download  AIC1523 Download
File Size   183.23 Kbytes
Page   8 Pages
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation
Description 500mA Power Distribution Switch

AIC1523 Datasheet (PDF)

Go To PDF Page Download Datasheet
AIC1523 Datasheet PDF - Analog Intergrations Corporation

Part # AIC1523
Download  AIC1523 Click to download

File Size   183.23 Kbytes
Page   8 Pages
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation
Description 500mA Power Distribution Switch

AIC1523 Datasheet (HTML) - Analog Intergrations Corporation


AIC1523 Product details

DESCRIPTION
The AIC1523 is an integrated high-side power switches for input power selection applications that using in portable products or PCI interface peripheral cards. The high-side switch is a MOSFET with 120mW RDS(ON), low voltage drop and low power consumption meet power saving requirements . The switch ON/OFF is controlled by CTL pin.

FEATURES
• 120mΩ (5V Input) High-Side MOSFET Switch.
• 500mA Continuous Load Current.
• 80μA Typical On-State Supply Current.
• 1μA Typical Off-State Supply Current.
• Current-Limit / Short Circuit Protection.
• Thermal Limiting Protection under Overcurrent Condition.
• Output can be Forced Higher than Input (Off-State).
• Active-High or Active-Low Enable.

APPLICATIONS
• Power Management.
• PCI Cards With Wake-On- LAN
• Hot Plug-In Power Supplies.
• Power Distribution Switch.




Similar Part No. - AIC1523

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1520 AIC-AIC1520 Datasheet
212Kb / 7P
Single High-Side Power Switch
AIC1520CX AIC-AIC1520CX Datasheet
212Kb / 7P
Single High-Side Power Switch
AIC1520CZ AIC-AIC1520CZ Datasheet
212Kb / 7P
Single High-Side Power Switch
AIC1521 AIC-AIC1521 Datasheet
178Kb / 9P
Single High-Side Power Switch With Control Function
AIC1521-0CO AIC-AIC1521-0CO Datasheet
178Kb / 9P
Single High-Side Power Switch With Control Function
More results


Similar Description - AIC1523

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS6523 SSC-SS6523 Datasheet
552Kb / 8P
500mA Power Distribution Switch
logo
Micrel Semiconductor
MIC2537 MICREL-MIC2537_11 Datasheet
86Kb / 12P
Quad Power Distribution Switch Quad Power Distribution Switch
logo
Global Mixed-mode Techn...
G553 GMT-G553 Datasheet
179Kb / 1P
Power Distribution Switch
logo
Monolithic Power System...
MP6205 MPS-MP6205 Datasheet
373Kb / 12P
3.3V/5V, Single-Channel 500mA Current-Limited Power Distribution Switch
MP62055 MPS-MP62055 Datasheet
376Kb / 10P
3.3V/5V, Single-Channel 500mA Current-Limited Power Distribution Switch
MP62055-3 MPS-MP62055-3 Datasheet
357Kb / 12P
3.3V/5V, Single-Channel 500mA Current-Limited Power Distribution Switch
logo
Unisonic Technologies
US3X77 UTC-US3X77_15 Datasheet
628Kb / 10P
POWER DISTRIBUTION SWITCH
logo
BCD Semiconductor Manuf...
AP2805 BCDSEMI-AP2805 Datasheet
691Kb / 16P
500mA High-side Power Distribution Switch with Enable and Flag
logo
Unisonic Technologies
US3075 UTC-US3075_15 Datasheet
603Kb / 9P
POWER DISTRIBUTION SWITCH
logo
List of Unclassifed Man...
G547E ETC1-G547E Datasheet
1Mb / 15P
Power Distribution Switch
More results




About Analog Intergrations Corporation


Analog Integrations Corporation (AIC) is a semiconductor company that specializes in the design and manufacture of analog and mixed-signal integrated circuits (ICs). The company was founded in 1997 and is headquartered in Hsinchu, Taiwan.

AIC's product portfolio includes a wide range of analog ICs, such as voltage regulators, DC-DC converters, power management ICs, and LED drivers. These products are used in a variety of applications, including automotive, industrial, communication, and consumer electronics.

One of AIC's main areas of expertise is in the design of high-efficiency power management ICs. The company's DC-DC converters and voltage regulators are known for their high efficiency, low power consumption, and small size, making them well-suited to battery-powered applications.

In addition to its standard product offerings, AIC also offers custom design services, working closely with customers to develop ICs that meet their specific needs. The company has a strong focus on research and development, investing heavily in new technologies and design methodologies to stay at the forefront of the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com