Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AIC1650 Datasheet (PDF) - Analog Intergrations Corporation

AIC1650 Datasheet PDF - Analog Intergrations Corporation
Part # AIC1650
Download  AIC1650 Download
File Size   206.11 Kbytes
Page   6 Pages
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation
Description 3-Cell, High-Efficiency, Inverting DC/DC Converter

AIC1650 Datasheet (PDF)

Go To PDF Page Download Datasheet
AIC1650 Datasheet PDF - Analog Intergrations Corporation

Part # AIC1650
Download  AIC1650 Click to download

File Size   206.11 Kbytes
Page   6 Pages
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation
Description 3-Cell, High-Efficiency, Inverting DC/DC Converter

AIC1650 Datasheet (HTML) - Analog Intergrations Corporation


AIC1650 Product details

DESCRIPTION
The AIC1650 is a high performance inverting DC/DC converter, designed to drive an external power switch to generate programmable negative voltages. In the particularly suitable LCD bias contrast application, maximum efficiency of 90% can be achieved with low cost PNP bipolar transistor drivers. 4V to 20V input operation range allows the AIC1650 to be powered directly by the battery pack in most batteryoperated applications for greater efficiency.

FEATURES
● 4V to 20V Input Voltage Operation.
● Adjustable Output Voltage up to -40V.
● Low Quiescent Current at 100µA.
● Pulse Frequency Modulation Maintains High Efficiency (max. 90%).
● 100KHz to 320KHz Switching Frequency.
● Power-Saving Shutdown Mode (8µA Typical).
● High Efficiency with Low Cost External PNP Bipolar Transistor.

APPLICATIONS
● Negative LCD Contrast Bias for
    1. Notebook & Palmtop Computers.
    2. Pen-Based Data System.
    3. Portable Data Collection Terminals.
    4. Personal Digital Assistants.
● Negative Voltage Supply.




Similar Part No. - AIC1650

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1652 AIC-AIC1652 Datasheet
57Kb / 6P
MICROPOWER INVERTING DC/DC CONVERTER
AIC1652CN AIC-AIC1652CN Datasheet
57Kb / 6P
MICROPOWER INVERTING DC/DC CONVERTER
AIC1652CS AIC-AIC1652CS Datasheet
57Kb / 6P
MICROPOWER INVERTING DC/DC CONVERTER
AIC1653 AIC-AIC1653 Datasheet
220Kb / 11P
Micropower Inverting DC/DC Converter in SOT-23-5
AIC1653CVBG AIC-AIC1653CVBG Datasheet
220Kb / 11P
Micropower Inverting DC/DC Converter in SOT-23-5
More results


Similar Description - AIC1650

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1650 SEMTECH-SC1650 Datasheet
90Kb / 4P
HIGH-VOLTAGE INVERTING DC-DC CONVERTER
logo
Sipex Corporation
SP6642 SIPEX-SP6642 Datasheet
248Kb / 4P
Single Alkaline Cell, High Efficiency Step-Up DC-DC Converter
logo
Analog Intergrations Co...
AIC1628 AIC-AIC1628 Datasheet
259Kb / 7P
3-Cell, High-Efficiency, Step-Up DC/DC Converter
logo
Hi-Sincerity Mocroelect...
H1563P HSMC-H1563P Datasheet
73Kb / 8P
HIGH-EFFICIENCY DC/DC CONVERTER
logo
Linear Technology
LTC1174 LINER-LTC1174 Datasheet
353Kb / 16P
High Efficiency Step-Down and Inverting DC/DC Converter
LTC1174 LINER-LTC1174_06 Datasheet
252Kb / 20P
High Efficiency Step-Down and Inverting DC/DC Converter
logo
Silicon Standard Corp.
SS6650 SSC-SS6650 Datasheet
496Kb / 6P
High-Efficiency, Inverting DC/DC Controller
logo
Linear Technology
LTC1174 LINER-LTC1174_15 Datasheet
262Kb / 20P
High Efficiency Step-Down and Inverting DC/DC Converter
LTC1174-3.3 LINER-LTC1174-3.3_15 Datasheet
262Kb / 20P
High Efficiency Step-Down and Inverting DC/DC Converter
LTC1174-5 LINER-LTC1174-5_15 Datasheet
262Kb / 20P
High Efficiency Step-Down and Inverting DC/DC Converter
More results




About Analog Intergrations Corporation


Analog Integrations Corporation (AIC) is a semiconductor company that specializes in the design and manufacture of analog and mixed-signal integrated circuits (ICs). The company was founded in 1997 and is headquartered in Hsinchu, Taiwan.

AIC's product portfolio includes a wide range of analog ICs, such as voltage regulators, DC-DC converters, power management ICs, and LED drivers. These products are used in a variety of applications, including automotive, industrial, communication, and consumer electronics.

One of AIC's main areas of expertise is in the design of high-efficiency power management ICs. The company's DC-DC converters and voltage regulators are known for their high efficiency, low power consumption, and small size, making them well-suited to battery-powered applications.

In addition to its standard product offerings, AIC also offers custom design services, working closely with customers to develop ICs that meet their specific needs. The company has a strong focus on research and development, investing heavily in new technologies and design methodologies to stay at the forefront of the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com